Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5212165FTD-75 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HM5212165FTD-75
Description  128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5212165FTD-75 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HM5212165FTD-75 Datasheet HTML 4Page - Hitachi Semiconductor HM5212165FTD-75 Datasheet HTML 5Page - Hitachi Semiconductor HM5212165FTD-75 Datasheet HTML 6Page - Hitachi Semiconductor HM5212165FTD-75 Datasheet HTML 7Page - Hitachi Semiconductor HM5212165FTD-75 Datasheet HTML 8Page - Hitachi Semiconductor HM5212165FTD-75 Datasheet HTML 9Page - Hitachi Semiconductor HM5212165FTD-75 Datasheet HTML 10Page - Hitachi Semiconductor HM5212165FTD-75 Datasheet HTML 11Page - Hitachi Semiconductor HM5212165FTD-75 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
HM5212165F/HM5212805F-75/A60/B60
8
Command Operation
Command Truth Table
The SDRAM recognizes the following commands specified by the
CS, RAS, CAS, WE and address pins.
CKE
Command
Symbol
n - 1
n
CS
RAS CAS WE A12/A13 A10
A0
to A11
Ignore command
DESL
H
×
H
×××
×
×
×
No operation
NOP
H
×
L
HHH
××
×
Burst stop in full page
BST
H
×
L
HHL
××
×
Column address and read command READ
H
×
LH
L
H
V
L
V
Read with auto-precharge
READ A
H
×
LH
L
H
V
H
V
Column address and write command WRIT
H
×
LH
L
L
V
L
V
Write with auto-precharge
WRIT A
H
×
LH
L
L
V
H
V
Row address strobe and bank active ACTV
H
×
LL
H
H
V
V
V
Precharge select bank
PRE
H
×
LL
H
L
V
L
×
Precharge all bank
PALL
H
×
LL
H
L
×
H
×
Refresh
REF/SELF H
V
L
L
L
H
××
×
Mode register set
MRS
H
×
L
LLL
V
V
V
Note:
H: V
IH.
L: V
IL. ×: VIH or VIL.
V: Valid address input
Ignore command [DESL]: When this command is set (
CS is High), the SDRAM ignore command input at
the clock. However, the internal status is held.
No operation [NOP]: This command is not an execution command. However, the internal operations
continue.
Burst stop in full-page [BST]: This command stops a full-page burst operation (burst length = full-page
(512; HM5212165F, 1024; HM5212805F)), and is illegal otherwise. When data input/output is vompleted for
a full page of data, it automatically returns to the start address and input/output is preformed repeatedly.
Column address strobe and read command [READ]: This command starts a read operation. In addition,
the start address of burst read is determined by the column address (AY0 to AY8; HM5212165F, AY0 to
AY9; HM5212805F) and the bank select address (BS). After the read operation, the output buffer becomes
High-Z.
Read with auto-precharge [READ A]: This command automatically performs a precharge operation after a
burst read with a burst length of 1, 2, 4 or 8. When the burst length is full-page, this command is illegal.


Similar Part No. - HM5212165FTD-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
More results

Similar Description - HM5212165FTD-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
logo
Hitachi Semiconductor
HM5212325F HITACHI-HM5212325F Datasheet
62Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5212325FBPC HITACHI-HM5212325FBPC Datasheet
58Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5225645F HITACHI-HM5225645F Datasheet
81Kb / 16P
   256M LVTTL interface SDRAM 100 MHz 1-Mword x 64-bit x 4-bank/2-Mword x 32-bit x 4-bank PC/100 SDRAM
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5425161B ELPIDA-HM5425161B Datasheet
489Kb / 65P
   256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank/ 16-Mword 횞 4-bit 횞 4-bank
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com