Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5116 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G5116
Description  High Efficiency, Constant Current Output for 8 Series LEDs Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5116 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G5116 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5116 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5116 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5116 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5116 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5116 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5116 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5116 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5116 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ver: 1.1
Sep 13, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G5114/G5116/G5118
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (Continued)
25
26
27
28
29
30
31
32
33
34
35
-40
-20
0
2040
6080
100
Temperature (°C)
20
21
22
23
24
25
26
27
28
29
30
-40
-20
0
204060
80
100
Temperature (°C)
26
27
28
29
30
31
1.52
2.53
3.544.5
55.5
66.5
Input Voltage (V)
22
22.5
23
23.5
24
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
0
5
10
15
20
25
30
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
CO=1µF
CO=0.1µF
6LEDs
0
5
10
15
20
25
0
10203040
50
60708090 100
Duty Cycle (%)
CO=0.1µF
CO=1µF
6LEDs
OVP Trigger Threshold vs. Input Voltage
OVP Trigger Threshold vs. Temperature
OVP Release Threshold vs. Input Voltage
OVP Release Threshold vs. Temperature
LED Current vs. Input Voltage
LED Current vs. Duty Cycle


Similar Part No. - G5116

ManufacturerPart #DatasheetDescription
logo
Heyco.
G5116 HEYCO-G5116 Datasheet
118Kb / 1P
   Tapered Caps and Plugs–NPT
More results

Similar Description - G5116

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5115 GMT-G5115 Datasheet
423Kb / 9P
   High Efficiency, Constant Current Output for 4 Series LEDs Driver
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
logo
Global Mixed-mode Techn...
G2619 GMT-G2619 Datasheet
109Kb / 1P
   High Efficiency, Constant Current 20V White- LEDs Driver
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
   High Efficiency, Constant Current 20V White-LEDs Driver
G2621 GMT-G2621 Datasheet
95Kb / 1P
   High Efficiency, Constant Current 40V White-LEDs Driver
AT5160 GMT-AT5160 Datasheet
121Kb / 2P
   High Efficiency, Constant Current 40V White-LEDs Driver
logo
Shenzhen Huazhimei Semi...
HM2805B HMSEMI-HM2805B Datasheet
1Mb / 16P
   High efficiency constant current limit current WLED driver
logo
STMicroelectronics
UM0677 STMICROELECTRONICS-UM0677 Datasheet
786Kb / 16P
   High-efficiency switching LED driver for high-current LEDs
logo
Maxic Technology Corpor...
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com