Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM39LV088-90H Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM39LV088-90H
Description  8M Bits (1Mx8) Flash Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV088-90H Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM39LV088-90H Datasheet HTML 5Page - ELAN Microelectronics Corp EM39LV088-90H Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV088-90H Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV088-90H Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV088-90H Datasheet HTML 9Page - ELAN Microelectronics Corp EM39LV088-90H Datasheet HTML 10Page - ELAN Microelectronics Corp EM39LV088-90H Datasheet HTML 11Page - ELAN Microelectronics Corp EM39LV088-90H Datasheet HTML 12Page - ELAN Microelectronics Corp EM39LV088-90H Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
EM39LV088
8M Bits (1Mx8) Flash Memory
SPECIFICATION
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 9 of 22
DC CHARACTERISTICS (CMOS Compatible)
Parameter
Description
Test Conditions
Min
Max
Unit
IDD
Power Supply Current
Read
Program and Erase
Address Input =VIL/VIH, at f=1/TRC Min,
VDD=VDD Max
CE#=OE#=VIL, WE#=VIH, all I/Os open
CE#=WE#=VIL, OE#=VIH,
30
30
mA
mA
ISB
Standby VDD Current
CE#=VIHC, VDD=VDD Max
20
µA
ILI
ILO
Input Leakage Current
Output Leakage Current
VIN=GND to VDD, VDD=VDD Max
VOUT=GND to VDD, VDD=VDD Max
1
10
µA
µA
VIL
VIH
VIHC
Input Low Voltage
Input High Voltage
Input High Voltage (CMOS)
VDD=VDD Min
VDD=VDD Max
VDD=VDD Max
0.7 VDD
VDD-0.3
0.8
V
V
V
VOL
VOH
Output Low Voltage
Output High Voltage
IOL=100µA, VDD=VDD Min
IOH=-100µA, VDD=VDD Min
VDD-0.2
0.2
V
V
Table 5: DC Characteristics (Cmos Compatible)
Recommended System Power-up Timing
Parameter
Description
Min
Unit
TPU-READ*
Power-up to Read Operation
100
µs
TPU-WRITE*
Power-up to Program/Erase Operation
100
µs
* This parameter is measured only for initial qualification and after a design or process change that
could affect this parameter.
Table 6: Recommended System Power-up Timing
Capacitance (Ta=25
°C, f=1Mhz, other pins open)
Parameter
Description
Test Conditons
Max
CI/O*
I/O Pin Capacitance
VI/O=0V
12pF
CIN*
Input Capacitance
VIN=0V
6pF
* This parameter is measured only for initial qualification and after a design or process change that
could affect this parameter.
Table 7: Capacitance (Ta=25
°C, f=1Mhz, Other Pins Open)
Reliability Characteristics
Symbol
Parameter
Min Specification
Unit
Test Method
NEND*
Endurance
10,000
Cycles
JEDEC Standard A117
TDR*
Data Retention
10
Years
JEDEC Standard A103
ILTH*
Latch Up
100+IDD
mA
JEDEC Standard 78
* This parameter is measured only for initial qualification and after a design or process change that
could affect this parameter.
Table 8: Reliability Characteristics


Similar Part No. - EM39LV088-90H

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RD EMC-EM39LV010-45RD Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RH EMC-EM39LV010-45RH Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RL EMC-EM39LV010-45RL Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RM EMC-EM39LV010-45RM Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
More results

Similar Description - EM39LV088-90H

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
   8M Bits (512Kx16) Flash Memory
logo
Toshiba Semiconductor
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
   128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
logo
Sharp Corporation
LHF80V01 SHARP-LHF80V01 Datasheet
1Mb / 43P
   8M Flash Memory
LHF08S49 SHARP-LHF08S49 Datasheet
1Mb / 34P
   8M Flash Memory
LHF80V11 SHARP-LHF80V11 Datasheet
1Mb / 43P
   8M Flash Memory
logo
Macronix International
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29SL800CT MCNIX-MX29SL800CT Datasheet
734Kb / 64P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com