Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM39LV088-90RM Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM39LV088-90RM
Description  8M Bits (1Mx8) Flash Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV088-90RM Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM39LV088-90RM Datasheet HTML 1Page - ELAN Microelectronics Corp EM39LV088-90RM Datasheet HTML 2Page - ELAN Microelectronics Corp EM39LV088-90RM Datasheet HTML 3Page - ELAN Microelectronics Corp EM39LV088-90RM Datasheet HTML 4Page - ELAN Microelectronics Corp EM39LV088-90RM Datasheet HTML 5Page - ELAN Microelectronics Corp EM39LV088-90RM Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV088-90RM Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV088-90RM Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV088-90RM Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
EM39LV088
8M Bits (1Mx8) Flash Memory
SPECIFICATION
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 5 of 22
Sector/Block Erase
The EM39LV088 offers both Sector-Erase and Block-Erase modes. The Sector- (or Block-)
Erase operation allows the system to erase the device on a sector-by-sector (or
block-by-block) basis. The sector architecture is based on uniform sector size of 4 KByte.
The Block architecture is based on uniform block size of 64 KByte. The Sector-Erase
operation is initiated by executing a six-byte command sequence with Sector-Erase command
(30H) and sector address (SA) in the last bus cycle. The Block-Erase operation is initiated by
executing a six-byte command sequence with Block-Erase command (50H) and block
address (BA) in the last bus cycle. The sector or block address is latched on the falling edge
of the sixth WE# pulse, while the command (30H or 50H) is latched on the rising edge of the
sixth WE# pulse. The internal Erase operation begins after the sixth WE# pulse. The
End-of-Erase operation can be determined by using either Data# Polling or Toggle Bit
method. See Figures 7 and 8 for timing waveforms. Any commands issued during the
Sector or Block Erase operation are ignored.
Data# Polling (DQ7)
When the EM39LV088 is in the internal Program operation, any attempt to read DQ7 will
produce the complement of the true data. Once the Program operation is completed, DQ7
will produce the true data. Note that even though DQ7 may have valid data immediately
following the completion of an internal Program operation, the remaining data outputs may still
be invalid (valid data on the entire data bus will appear in subsequent successive Read cycles
after an interval of 1 µs). During internal Erase operation, any attempt to read DQ7 will
produce a “0”. Once the internal Erase operation is completed, DQ7 will produce a “1”. The
Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation.
For Sector-Erase, Block-Erase, or Chip-Erase, the Data# Polling is valid after the rising edge
of sixth WE# (or CE#) pulse. See Figure 4 for Data# Polling timing diagram and Figure 13
for a flowchart.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will
produce alternating 1s and 0s, i.e., toggling between 1 and 0. When the internal Program or
Erase operation is completed, the DQ6 bit will stop toggling. The device is then ready for the
next operation. The Toggle Bit is valid after the rising edge of fourth WE# (or CE#) pulse for
Program operation. For Sector-Erase, Block-Erase or Chip-Erase, the Toggle Bit is valid
after the rising edge of sixth WE# (or CE#) pulse. See Figure 5 for Toggle Bit timing diagram
and Figure 13 for a flowchart.
Data Protection
The EM39LV088 provides both hardware and software features to protect the data from
inadvertent write.


Similar Part No. - EM39LV088-90RM

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RD EMC-EM39LV010-45RD Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RH EMC-EM39LV010-45RH Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RL EMC-EM39LV010-45RL Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RM EMC-EM39LV010-45RM Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
More results

Similar Description - EM39LV088-90RM

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
   8M Bits (512Kx16) Flash Memory
logo
Toshiba Semiconductor
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
   128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
logo
Sharp Corporation
LHF80V01 SHARP-LHF80V01 Datasheet
1Mb / 43P
   8M Flash Memory
LHF08S49 SHARP-LHF08S49 Datasheet
1Mb / 34P
   8M Flash Memory
LHF80V11 SHARP-LHF80V11 Datasheet
1Mb / 43P
   8M Flash Memory
logo
Macronix International
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29SL800CT MCNIX-MX29SL800CT Datasheet
734Kb / 64P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com