Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94SP476X0020EBP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 94SP476X0020EBP
Description  Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

94SP476X0020EBP Datasheet(HTML) 1 Page - Vishay Siliconix

  94SP476X0020EBP Datasheet HTML 1Page - Vishay Siliconix 94SP476X0020EBP Datasheet HTML 2Page - Vishay Siliconix 94SP476X0020EBP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
21
Document Number: 90009
Revision 02-Jul-01
Type 94SP
Vishay
STANDARD RATINGS
CASE
CODE
C'
E'
F'
C
E
F
Fo
G
*Part Numbers shown are for
± 20% capacitance tolerance (X0).
94SP107X0016_ _ _ Part Number is complete with Case Code and 2 character Package or Process Code. BP as shown indicates Bulk Pack.
FEATURES
• High capacity, low ESR. Approximately two times the
capacitance of existing capacitors and less than half the
ESR.
• 94SP capacitors are ideal for designing around MPU's for
computer equipment.
PART*
NUMBER
94SP226X0020CBP
94SP336X0016CBP
94SP566X0010CBP
94SP686X06R3CBP
94SP107X0004CBP
94SP476X0020EBP
94SP686X0016EBP
94SP107X0010EBP
94SP157X06R3EBP
94SP227X0004EBP
94SP686X0020FBP
94SP107X0016FBP
94SP187X0010FBP
94SP227X06R3FBP
94SP337X0004FBP
94SP336X0020CBP
94SP476X0016CBP
94SP826X0010CBP
94SP127X06R3CBP
94SP157X0004CBP
94SP127X0020EBP
94SP187X0016EBP
94SP277X0010EBP
94SP397X06R3EBP
94SP567X0004EBP
94SP187X0020FBP
94SP277X0016FBP
94SP477X0010FBP
94SP687X06R3FBP
94SP827X0004FBP
94SP158X0004FBP
94SP228X0004GBP
MAX. ESR
100k ~ 300kHz
(m
)
50
50
45
40
40
36
34
32
30
28
34
32
30
28
24
45
45
40
35
35
24
20
18
16
14
20
18
15
13
12
10
10
MAX. TANGENT
OF LOSS
ANGLE
0.06
0.06
0.06
0.06
0.06
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.10
0.12
NOMINAL
CAPACITANCE
(
µF)
22.0
33.0
56.0
68.0
100.0
47.0
68.0
100.0
150.0
220.0
68.0
100.0
180.0
220.0
330.0
33.0
47.0
82.0
120.0
120.0
120.0
180.0
270.0
390.0
560.0
180.0
270.0
470.0
680.0
820.0
1500.0
2200.0
RATED
VOLTAGE
(V)
20.0
16.0
10.0
6.3
4.0
20.0
16.0
10.0
6.3
4.0
20.0
16.0
10.0
6.3
4.0
20.0
16.0
10.0
6.3
4.0
20.0
16.0
10.0
6.3
4.0
20.0
16.0
10.0
6.3
4.0
4.0
4.0
MAX. ALLOWABLE
RIPPLE CURRENT
(mArms)
(@ 100kHz, + 45
°C)
1580
1580
1710
1850
1850
2210
2280
2350
2420
2510
2800
2890
2990
3100
3230
1710
1710
1850
1930
1930
3110
3410
3600
3810
4080
4280
4400
4510
4840
5040
6500
7100
MAX. LEAKAGE
CURRENT
(
µA)
(After 2 Minutes)
44.00
52.80
56.00
42.84
40.00
94.00
108.80
100.00
94.50
88.00
136.00
160.00
180.00
138.60
132.00
66.00
75.20
82.00
75.60
60.00
200.00
288.00
270.00
245.70
224.00
360.00
432.00
470.00
428.40
328.00
600.00
880.00
Solid Aluminum Capacitors
With Organic Semiconductor Electrolyte


Similar Part No. - 94SP476X0020EBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SP VISHAY-94SP Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
More results

Similar Description - 94SP476X0020EBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
List of Unclassifed Man...
PVH-4V151MF60E-F60 ETC2-PVH-4V151MF60E-F60 Datasheet
154Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE
logo
Vishay Siliconix
TD20100XXX VISHAY-TD20100XXX Datasheet
609Kb / 8P
   Trantalum Chip Capacitors Sintered Anode, Solid Semiconductor Electrolyte, 125C
logo
Taiyo Yuden (U.S.A.), I...
PVK-2R5V221MF60E-R2 TAIYO-YUDEN-PVK-2R5V221MF60E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V331MH80E-R2 TAIYO-YUDEN-PVK-10V331MH80E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V271MH80E-R2 TAIYO-YUDEN-PVK-10V271MH80E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-16V390MF60E-R2 TAIYO-YUDEN-PVK-16V390MF60E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com