Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD8M64B8A Datasheet(PDF) 11 Page - Hanbit Electronics Co.,Ltd

Part # HSD8M64B8A
Description  Synchronous DRAM Module 64Mbyte (8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD8M64B8A Datasheet(HTML) 11 Page - Hanbit Electronics Co.,Ltd

Back Button HSD8M64B8A Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD8M64B8A Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD8M64B8A Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD8M64B8A Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD8M64B8A Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD8M64B8A Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD8M64B8A Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD8M64B8A Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HSD8M64B8A Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HANBit
HSD8M64B8A
URL:www.hbe.co.kr
11
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
ORDERING INFORMATION
Part Number
Density
Org.
Package
Ref.
Vcc
MODE
MAX.frq
HMD8M64B8A-13
64MByte
8M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL3
133MHz
HMD8M64B8A-10L
64MByte
8M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL3
100MHz
HMD8M64B8A-10
64MByte
8M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL2
100MHz
HMD8M64B8A-10H
64MByte
8M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL 2&3
100MHz
HMD8M64B8A-F13
64MByte
8M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL3
133MHz
HMD8M64B8A-F10L
64MByte
8M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL3
100MHz
HMD8M64B8A-F10
64MByte
8M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL2
100MHz
HMD8M64B8A-F10H
64MByte
8M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL 2&3
100MHz
F means Auto & Self refresh with Low-Power (3.3V)


Similar Part No. - HSD8M64B8A

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M64B8W HANBIT-HSD8M64B8W Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8W-10 HANBIT-HSD8M64B8W-10 Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8W-10L HANBIT-HSD8M64B8W-10L Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8W-12 HANBIT-HSD8M64B8W-12 Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8W-13 HANBIT-HSD8M64B8W-13 Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD8M64B8A

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M64B8W HANBIT-HSD8M64B8W Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W HANBIT-HSD8M64B4W Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64D4B HANBIT-HSD8M64D4B Datasheet
85Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B8W HANBIT-HSD16M64B8W Datasheet
109Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64B4W HANBIT-HSD4M64B4W Datasheet
81Kb / 10P
   Synchronous DRAM Module 32Mbyte(4Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD8M64D8A HANBIT-HSD8M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx64bit),DIMM, 4Banks, 4K Ref., 3.3V
HSD64M64B8W HANBIT-HSD64M64B8W Datasheet
85Kb / 10P
   Synchronous DRAM Module 512Mbyte(64Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64B8W HANBIT-HSD32M64B8W Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com