Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS51232Z4V-15 Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # HMS51232Z4V-15
Description  SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS51232Z4V-15 Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

  HMS51232Z4V-15 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS51232Z4V-15 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS51232Z4V-15 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS51232Z4V-15 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS51232Z4V-15 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS51232Z4V-15 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS51232Z4V-15 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HANBit
HMS51232M4V/Z4V
HANBit Electronics Co.,Ltd.
7
ORDERING INFORMATION
1. - Product Line Identifier
HANBit ------------------------------------------------------- H
2. - Memory Modules
3. - SRAM
4. - Depth : 512K
5. - Width : x 32bit
6. - Package Code
SIMM ------------------------------------------------------- M
ZIP
------------------------------------------------------- Z
7. - Number of Memory Components
8. - V : 3.3V
9. - Access time
10 ----------------------------------------------------------- 10ns
12 ----------------------------------------------------------- 12ns
15 ----------------------------------------------------------- 15ns
17 ----------------------------------------------------------- 17ns
20 ----------------------------------------------------------- 20ns
SRAM
x32bit
1
2
3
4
5
6
7 8
9
15ns Access Time
H M S
512 32 M 4 V -15
HANBit
Memory
Modules
SIMM
512K
Component
3.3V


Similar Part No. - HMS51232Z4V-15

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS51232Z4L-10 HANBIT-HMS51232Z4L-10 Datasheet
392Kb / 10P
   SRAM MODULE 2Mbyte (512K x 32-Bit), LOW POWER, 72-Pin SIMM 5V
HMS51232Z4L-12 HANBIT-HMS51232Z4L-12 Datasheet
392Kb / 10P
   SRAM MODULE 2Mbyte (512K x 32-Bit), LOW POWER, 72-Pin SIMM 5V
HMS51232Z4L-15 HANBIT-HMS51232Z4L-15 Datasheet
392Kb / 10P
   SRAM MODULE 2Mbyte (512K x 32-Bit), LOW POWER, 72-Pin SIMM 5V
HMS51232Z4L-17 HANBIT-HMS51232Z4L-17 Datasheet
392Kb / 10P
   SRAM MODULE 2Mbyte (512K x 32-Bit), LOW POWER, 72-Pin SIMM 5V
HMS51232Z4L-20 HANBIT-HMS51232Z4L-20 Datasheet
392Kb / 10P
   SRAM MODULE 2Mbyte (512K x 32-Bit), LOW POWER, 72-Pin SIMM 5V
More results

Similar Description - HMS51232Z4V-15

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS51232M4G HANBIT-HMS51232M4G Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMF51232M4G HANBIT-HMF51232M4G Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4V HANBIT-HMF51232M4V Datasheet
421Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D HANBIT-HMF51232M4D Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMS51232J4 HANBIT-HMS51232J4 Datasheet
69Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 68-Pin JLCC Packaging
HMS51232J4A HANBIT-HMS51232J4A Datasheet
163Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 68-Pin JLCC Packaging
HMF51232M4S HANBIT-HMF51232M4S Datasheet
420Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4Y HANBIT-HMF51232M4Y Datasheet
417Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMS51232M4L HANBIT-HMS51232M4L Datasheet
392Kb / 10P
   SRAM MODULE 2Mbyte (512K x 32-Bit), LOW POWER, 72-Pin SIMM 5V
HMF51232J4 HANBIT-HMF51232J4 Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit) - 68-Pin JLCC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com