Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD4M64B4-8 Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd

Part # HSD4M64B4-8
Description  Synchronous DRAM Module 32Mbyte (4Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD4M64B4-8 Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd

Back Button HSD4M64B4-8 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD4M64B4-8 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD4M64B4-8 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD4M64B4-8 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD4M64B4-8 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD4M64B4-8 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD4M64B4-8 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD4M64B4-8 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HSD4M64B4-8 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HANBit
HSD4M64B4
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.1.0(August.2002)
-
8 -
AC CHARACTERISTICS
(AC operating conditions unless otherwise noted)
-8
-10
-L
PARAMETER
SYMBO
L
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
NOTE
CAS
latency=3
8
10
10
CLK cycle time
CAS
latency=2
tCC
-10
1000
13
1000
12
1000
ns
1
CAS
latency=3
6
7
6
CLK to valid
output delay
CAS
latency=2
tSAC
-6
7
7
ns
1,2
CAS
latency=3
3
3
3
Output data
hold time
CAS
latency=2
tOH
-3
3
3
ns
2
CLK high pulse width
tCH
3
3.5
3
ns
3
CLK low pulse width
tCL
3
3.5
3
ns
3
Input setup time
tSS
2
3.5
2
ns
3
Input hold time
tSH
1
1
1
ns
3
CLK to output in Low-Z
tSLZ
1
1
1
ns
3
CAS
latency=3
6
6
6
ns
2
CLK to output
in Hi-Z
CAS
latency=2
tSHZ
-6
7
7
ns
Notes :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered, ie., [(tr + tf)/2-1]ns should be added to
the parameter.


Similar Part No. - HSD4M64B4-8

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD4M64B4W HANBIT-HSD4M64B4W Datasheet
81Kb / 10P
   Synchronous DRAM Module 32Mbyte(4Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD4M64B4-8

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD4M64B4W HANBIT-HSD4M64B4W Datasheet
81Kb / 10P
   Synchronous DRAM Module 32Mbyte(4Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64D4B HANBIT-HSD4M64D4B Datasheet
127Kb / 10P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD2M64B2 HANBIT-HSD2M64B2 Datasheet
75Kb / 10P
   Synchronous DRAM Module 16Mbyte (2Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B8A HANBIT-HSD16M64B8A Datasheet
106Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8W HANBIT-HSD8M64B8W Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8A HANBIT-HSD8M64B8A Datasheet
90Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B8W HANBIT-HSD16M64B8W Datasheet
109Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W HANBIT-HSD8M64B4W Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD8M32B4 HANBIT-HSD8M32B4 Datasheet
108Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 144pin SO-DIMM based on 4Mx16, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com