Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS51232M4V Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMS51232M4V
Description  SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS51232M4V Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMS51232M4V Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS51232M4V Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS51232M4V Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS51232M4V Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS51232M4V Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS51232M4V Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS51232M4V Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HANBit
HMS51232M4V/Z4V
HANBit Electronics Co.,Ltd.
5
Output Hold from Address Change
tOH
3-
3-3
-
ns
Chip Select to Power Up Time
tPU
0-
0-0
-
ns
Chip Select to Power Down Time
tPD
-15
-
12
-
15
ns
WRITE CYCLE
-10
-12
-15
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Write Cycle Time
tWC
10
-
12
-
10
-
ns
Chip Select to End of Write
tCW
7-
8-
10
-
ns
Address Set-up Time
tAS
0-
0-0
-
ns
Address Valid to End of Write
tAW
7-
8-
10
-
ns
Write Pulse Width (/OE High)
tWP
7-
8-
10
-
ns
Write Pulse Width (/OE Low)
tWP1
10
-
12
-
15
-
ns
Write Recovery Time
tWR
0-
0-0
-
ns
Write to Output High-Z
tWHZ
0506
0
7
ns
Data to Write Time Overlap
tDW
5-
6-7
-
ns
Data Hold from Write Time
tDH
0-
0-0
-
ns
End of Write to Output Low-Z
tOW
3-
3-3
-
ns
TIMING DIAGRAMS
See Part No. HMS51232M4/Z4
FUNCTIONAL DESCRIPTION
/CE
/WE
/OE
MODE
I/O PIN
SUPPLY CURRENT
H
X*
X
Not Select
High-Z
I SB, I SB1
L
H
H
Output Disable
High-Z
ICC
LH
L
Read
DOUT
ICC
L
L
X
Write
DIN
ICC
Note: X means Don't Care


Similar Part No. - HMS51232M4V

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS51232M4G HANBIT-HMS51232M4G Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMS51232M4G-10 HANBIT-HMS51232M4G-10 Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMS51232M4G-10 HANBIT-HMS51232M4G-10 Datasheet
81Kb / 10P
   Synchronous DRAM Module 32Mbyte(4Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HMS51232M4G-12 HANBIT-HMS51232M4G-12 Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMS51232M4G-12 HANBIT-HMS51232M4G-12 Datasheet
81Kb / 10P
   Synchronous DRAM Module 32Mbyte(4Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HMS51232M4V

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS51232M4G HANBIT-HMS51232M4G Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMF51232M4G HANBIT-HMF51232M4G Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4V HANBIT-HMF51232M4V Datasheet
421Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D HANBIT-HMF51232M4D Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMS51232J4 HANBIT-HMS51232J4 Datasheet
69Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 68-Pin JLCC Packaging
HMS51232J4A HANBIT-HMS51232J4A Datasheet
163Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 68-Pin JLCC Packaging
HMF51232M4S HANBIT-HMF51232M4S Datasheet
420Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4Y HANBIT-HMF51232M4Y Datasheet
417Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMS51232M4L HANBIT-HMS51232M4L Datasheet
392Kb / 10P
   SRAM MODULE 2Mbyte (512K x 32-Bit), LOW POWER, 72-Pin SIMM 5V
HMF51232J4 HANBIT-HMF51232J4 Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit) - 68-Pin JLCC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com