Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS25632Z8B-20 Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd

Part # HMS25632Z8B-20
Description  SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS25632Z8B-20 Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd

  HMS25632Z8B-20 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS25632Z8B-20 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS25632Z8B-20 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS25632Z8B-20 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS25632Z8B-20 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS25632Z8B-20 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS25632Z8B-20 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS25632Z8B-20 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS25632Z8B-20 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HANBit
HMS25632M8B/Z8B
HANBit Electronics Co.,Ltd.
8
PACKAGING DIMMENSIONS
SIMM Design
(Solder & Gold Plating Lead)
ZIP Design
96.5 mm
CUT 1.5 mm
6 mm
1
72
19 mm
2.54 mm
46 mm
1 mm
97.79 mm
1.29
±0.08 mm
2.5 mm
1 mm
1.29
±0.08 mm
1
72
108.20 mm
2.03 mm
1.02 mm
6.35 mm
1.27 mm
95.25 mm
3.34 mm
6.35 mm
3.18 mm
T YP(2x)
16 mm
0.25 mm MAX
MIN
2.54 mm
1.27
Gold: 1.04
±0.10 mm
Solder: 0.914
±0.10 mm


Similar Part No. - HMS25632Z8B-20

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS25632Z8 HANBIT-HMS25632Z8 Datasheet
247Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit)
HMS25632Z8G-10 HANBIT-HMS25632Z8G-10 Datasheet
247Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit)
HMS25632Z8G-12 HANBIT-HMS25632Z8G-12 Datasheet
247Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit)
HMS25632Z8G-15 HANBIT-HMS25632Z8G-15 Datasheet
247Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit)
HMS25632Z8G-17 HANBIT-HMS25632Z8G-17 Datasheet
247Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit)
More results

Similar Description - HMS25632Z8B-20

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS25632M8G HANBIT-HMS25632M8G Datasheet
247Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit)
HMS25632J2V HANBIT-HMS25632J2V Datasheet
55Kb / 7P
   SRAM MODULE 1Mbyte (256K x 32-Bit) 3.3V, 68-Pin JLCC Packaging
HMS25632J2 HANBIT-HMS25632J2 Datasheet
49Kb / 6P
   SRAM MODULE 1Mbyte (256K x 32-Bit), 5V, 68-Pin JLCC Design
logo
MOSAIC
SYS32256ZK-12 MOSAIC-SYS32256ZK-12 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
logo
Hanbit Electronics Co.,...
HMS12864F8V HANBIT-HMS12864F8V Datasheet
82Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
HMS12864F8VL HANBIT-HMS12864F8VL Datasheet
78Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
HMS2M32M16V HANBIT-HMS2M32M16V Datasheet
81Kb / 8P
   SRAM MODULE 8Mbyte (2M x 32-Bit), 3.3V 72-Pin SIMM Design
logo
Hitachi Semiconductor
HM62256B HITACHI-HM62256B Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
logo
Cypress Semiconductor
CYM9260 CYPRESS-CYM9260 Datasheet
207Kb / 12P
   64K(128K, 256K, 512K) x 72 SRAM Module
logo
Hanbit Electronics Co.,...
HMS51232M4L HANBIT-HMS51232M4L Datasheet
392Kb / 10P
   SRAM MODULE 2Mbyte (512K x 32-Bit), LOW POWER, 72-Pin SIMM 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com