Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS25632J2-15 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMS25632J2-15
Description  SRAM MODULE 1Mbyte (256K x 32-Bit), 5V, 68-Pin JLCC Design
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS25632J2-15 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMS25632J2-15 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS25632J2-15 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS25632J2-15 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS25632J2-15 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS25632J2-15 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS25632J2-15 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HANBit
HMS25632J2
URL: www.hbe.co.kr
5
HANBit Electronics Co.,Ltd.
Rev. 1.0 (September / 2002)
WRITE CYCLE
-10
-12
-15
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Write Cycle Time
tWC
10
-
12
-
15
-
ns
Chip Select to End of Write
tCW
7
-
8
-
10
-
ns
Address Set-up Time
tAS
0
-
0
-
0
-
ns
Address Valid to End of Write
tAW
7
-
8
-
10
-
ns
Write Pulse Width (/OE High)
tWP
7
-
8
-
10
-
ns
Write Pulse Width (/OE Low)
tWP1
10
-
12
-
15
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
ns
Write to Output High-Z
tWHZ
0
5
0
6
0
7
ns
Data to Write Time Overlap
tDW
5
-
6
-
7
-
ns
Data Hold from Write Time
tDH
0
-
0
-
0
-
ns
End of Write to Output Low-Z
tOW
3
-
3
-
3
-
ns
TIMING DIAGRAMS
Please refer to timing diagram chart.
FUNCTIONAL DESCRIPTION
/CE
/WE
/OE
MODE
I/O PIN
SUPPLY CURRENT
H
X*
X
Not Select
High-Z
I SB, I SB1
L
H
H
Output Disable
High-Z
ICC
L
H
L
Read
DOUT
ICC
L
L
X
Write
DIN
ICC
Note: X means Don't Care


Similar Part No. - HMS25632J2-15

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS25632J2V HANBIT-HMS25632J2V Datasheet
55Kb / 7P
   SRAM MODULE 1Mbyte (256K x 32-Bit) 3.3V, 68-Pin JLCC Packaging
HMS25632J2V-10 HANBIT-HMS25632J2V-10 Datasheet
55Kb / 7P
   SRAM MODULE 1Mbyte (256K x 32-Bit) 3.3V, 68-Pin JLCC Packaging
HMS25632J2V-100 HANBIT-HMS25632J2V-100 Datasheet
55Kb / 7P
   SRAM MODULE 1Mbyte (256K x 32-Bit) 3.3V, 68-Pin JLCC Packaging
HMS25632J2V-12 HANBIT-HMS25632J2V-12 Datasheet
55Kb / 7P
   SRAM MODULE 1Mbyte (256K x 32-Bit) 3.3V, 68-Pin JLCC Packaging
HMS25632J2V-15 HANBIT-HMS25632J2V-15 Datasheet
55Kb / 7P
   SRAM MODULE 1Mbyte (256K x 32-Bit) 3.3V, 68-Pin JLCC Packaging
More results

Similar Description - HMS25632J2-15

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS25632J2V HANBIT-HMS25632J2V Datasheet
55Kb / 7P
   SRAM MODULE 1Mbyte (256K x 32-Bit) 3.3V, 68-Pin JLCC Packaging
HMS25632M8G HANBIT-HMS25632M8G Datasheet
247Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit)
HMS25632M8B HANBIT-HMS25632M8B Datasheet
232Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
HMS51232J4 HANBIT-HMS51232J4 Datasheet
69Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 68-Pin JLCC Packaging
HMS51232J4A HANBIT-HMS51232J4A Datasheet
163Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 68-Pin JLCC Packaging
HMF51232J4 HANBIT-HMF51232J4 Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit) - 68-Pin JLCC
logo
MOSAIC
SYS32256ZK-12 MOSAIC-SYS32256ZK-12 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
logo
Hanbit Electronics Co.,...
HMS51232J4V HANBIT-HMS51232J4V Datasheet
160Kb / 7P
   SRAM MODULE 2Mbyte (512Kx32Bit), 68-Pin JLCC Packaging,3.3V
HMS1M32M8A HANBIT-HMS1M32M8A Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
HMS12864F8V HANBIT-HMS12864F8V Datasheet
82Kb / 9P
   SRAM MODULE 1MByte (128K x 64 bit), 120-Pin SMM, 3.3V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com