Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS12832M4G-10 Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd

Part # HMS12832M4G-10
Description  SRAM MODULE 512KByte (128K x 32-Bit), 64PIN SIMM / ZIP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS12832M4G-10 Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd

Back Button HMS12832M4G-10 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS12832M4G-10 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS12832M4G-10 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS12832M4G-10 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS12832M4G-10 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS12832M4G-10 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS12832M4G-10 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMS12832M4G-10 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HMS12832M4G-10 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HANBit
HMS12832M4G/Z4
URL: www.hbe.co.kr
8
HANBit Electronics Co.,Ltd.
Rev. 1.0 (September / 2002)
NOTES(WRITE CYCLE)
1.
ll write cycle timing is referenced from the last valid address to the first transition address.
2.
A write occurs during the overlap of a low CS and WE. A write begins at the latest transition CS going low and WE
going low ; A write ends at the earliest transition CS going high or WE going high. tWP is measured from the
beginning of write to the end of write.
3.
tCW is measured from the later of CS going low to end of write.
4.
tAS is measured from the address valid to the beginning of write.
5.
tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS or WE going
high.
6.
If OE, CS and WE are in the Read Mode during this period, the I/O pins are in the output low-Z state. Inputs of
opposite phase of the output must not be applied because bus contention can occur.
7.
For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and
write cycle.
8.
If CS goes low simultaneously with WE going or after WE going low, the outputs remain high impedance state.
9.
Dout is the read data of the new address.
10. When CS is low : I/O pins are in the output state. The input signals in the opposite phase leading to the output should
not be applied.
FUNCTIONAL DESCRIPTION
/CE
/WE
/OE
MODE
I/O PIN
SUPPLY CURRENT
H
X*
X
Not Select
High-Z
l SB, l SB1
L
H
H
Output Disable
High-Z
lCC
L
H
L
Read
DOUT
lCC
L
L
X
Write
DIN
lCC
Note: X means Don't Care


Similar Part No. - HMS12832M4G-10

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS12832M4 HANBIT-HMS12832M4 Datasheet
196Kb / 9P
   SRAM MODULE 512KByte (128K x 32-Bit)
HMS12832M4-10 HANBIT-HMS12832M4-10 Datasheet
196Kb / 9P
   SRAM MODULE 512KByte (128K x 32-Bit)
HMS12832M4-12 HANBIT-HMS12832M4-12 Datasheet
196Kb / 9P
   SRAM MODULE 512KByte (128K x 32-Bit)
HMS12832M4-15 HANBIT-HMS12832M4-15 Datasheet
196Kb / 9P
   SRAM MODULE 512KByte (128K x 32-Bit)
HMS12832M4-17 HANBIT-HMS12832M4-17 Datasheet
196Kb / 9P
   SRAM MODULE 512KByte (128K x 32-Bit)
More results

Similar Description - HMS12832M4G-10

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS12832M4V HANBIT-HMS12832M4V Datasheet
60Kb / 6P
   SRAM MODULE 512KByte (128K x 32-Bit) 3.3V, 64Pin-SIMM
HMS12832M4 HANBIT-HMS12832M4 Datasheet
196Kb / 9P
   SRAM MODULE 512KByte (128K x 32-Bit)
HMS51232M4G HANBIT-HMS51232M4G Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
logo
List of Unclassifed Man...
WSF128K32 ETC1-WSF128K32 Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
logo
Hanbit Electronics Co.,...
HMS1M32M8A HANBIT-HMS1M32M8A Datasheet
215Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) , 64-Pin SIMM Design
HMS2M32M16V HANBIT-HMS2M32M16V Datasheet
81Kb / 8P
   SRAM MODULE 8Mbyte (2M x 32-Bit), 3.3V 72-Pin SIMM Design
logo
Aeroflex Circuit Techno...
UT8R128K32 AEROFLEX-UT8R128K32 Datasheet
274Kb / 22P
   UT8R128K32 128K x 32 SRAM
logo
Austin Semiconductor
AS8S128K32 AUSTIN-AS8S128K32_05 Datasheet
247Kb / 12P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC128K32 AUSTIN-AS8SLC128K32 Datasheet
138Kb / 10P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
   128K x 32 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com