Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS12832M4-17 Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd

Part # HMS12832M4-17
Description  SRAM MODULE 512KByte (128K x 32-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS12832M4-17 Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd

  HMS12832M4-17 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS12832M4-17 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS12832M4-17 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS12832M4-17 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS12832M4-17 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS12832M4-17 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS12832M4-17 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS12832M4-17 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS12832M4-17 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HANBit
HMS12832M4
HANBit Electronics Co.,Ltd.
8
PACKAGING INFORMATION
(Solder & Gold Plating Lead)
10.16 mm
6.35 mm
1.29
±0.08 mm
1
64
98.04 mm
6.35 mm
2.03 mm
1.02 mm
6.35 mm
1.27 mm
85.09 mm
3.34 mm
16 mm
0.25 mm MAX
MIN
2.54 mm
1.27
Gold : 1.04
±0.10 mm
Solder : 0.914
±0.10 mm


Similar Part No. - HMS12832M4-17

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS12832M4G HANBIT-HMS12832M4G Datasheet
123Kb / 11P
   SRAM MODULE 512KByte (128K x 32-Bit), 64PIN SIMM / ZIP
HMS12832M4G-10 HANBIT-HMS12832M4G-10 Datasheet
123Kb / 11P
   SRAM MODULE 512KByte (128K x 32-Bit), 64PIN SIMM / ZIP
HMS12832M4G-12 HANBIT-HMS12832M4G-12 Datasheet
123Kb / 11P
   SRAM MODULE 512KByte (128K x 32-Bit), 64PIN SIMM / ZIP
HMS12832M4G-15 HANBIT-HMS12832M4G-15 Datasheet
123Kb / 11P
   SRAM MODULE 512KByte (128K x 32-Bit), 64PIN SIMM / ZIP
HMS12832M4G-20 HANBIT-HMS12832M4G-20 Datasheet
123Kb / 11P
   SRAM MODULE 512KByte (128K x 32-Bit), 64PIN SIMM / ZIP
More results

Similar Description - HMS12832M4-17

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS12832M4G HANBIT-HMS12832M4G Datasheet
123Kb / 11P
   SRAM MODULE 512KByte (128K x 32-Bit), 64PIN SIMM / ZIP
HMS12832M4V HANBIT-HMS12832M4V Datasheet
60Kb / 6P
   SRAM MODULE 512KByte (128K x 32-Bit) 3.3V, 64Pin-SIMM
logo
List of Unclassifed Man...
WSF128K32 ETC1-WSF128K32 Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
logo
Aeroflex Circuit Techno...
UT8R128K32 AEROFLEX-UT8R128K32 Datasheet
274Kb / 22P
   UT8R128K32 128K x 32 SRAM
logo
Austin Semiconductor
AS8S128K32 AUSTIN-AS8S128K32_05 Datasheet
247Kb / 12P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC128K32 AUSTIN-AS8SLC128K32 Datasheet
138Kb / 10P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32_03 Datasheet
242Kb / 12P
   128K x 32 SRAM SRAM MEMORY ARRAY
logo
Integrated Circuit Solu...
IC61SP12832 ICSI-IC61SP12832 Datasheet
254Kb / 16P
   128K x 32 Pipelined SyncBurst SRAM
logo
List of Unclassifed Man...
GVT71128D32 ETC1-GVT71128D32 Datasheet
56Kb / 13P
   128K X 32 SYNCHRONOUS BURST SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com