Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS4M16M16G Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMS4M16M16G
Description  SRAM MODULE 8Mbyte(4M x 16-Bit)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS4M16M16G Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMS4M16M16G Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS4M16M16G Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS4M16M16G Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS4M16M16G Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS4M16M16G Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS4M16M16G Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS4M16M16G Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS4M16M16G Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS4M16M16G Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HANBit
HMS4M16M16G
HANBit Electronics Co.,Ltd.
5
CAPACITANCE
DESCRIPTION
TEST CONDITIONS
SYMBOL
MAX
UNIT
Input /Output Capacitance
VI/O=0V
CI/O
8pF
Input Capacitance
VIN=0V
CIN
7pF
* NOTE : Capacitance is sampled and not 100% tested
AC CHARACTERISTICS (0oC
≤ TA ≤ 70 oC ; Vcc = 5V ± 0.5V, unless otherwise specified)
TEST CONDITIONS
PARAMETER
VALUE
Input Pulse Level
0 to 3V
Input Rise and Fall Time
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
See below
READ CYCLE
-10
-12
-15
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Read Cycle Time
tRC
10
-
12
-
15
-
ns
Address Access Time
tAA
-10
-
12
-
15
ns
Chip Select to Output
tCO
-10
-
12
-
15
ns
Output Enable to Output
tOE
-5
-6
-
7
ns
Chip Enable to Low-Z Output
tLZ
3-
3-3
-
ns
Output Enable to Low-Z Output
tOLZ
0-
0-0
-
ns
Output Disable to High-Z Output
tOHZ
0506
0
7
ns
Chip Disable to High-Z Output
tHZ
0506
0
7
ns
Output Hold from Address Change
tOH
3-
3-3
-
ns
Chip Select to Power Up Time
tPU
0-
0-0
-
ns
+5.0V
480
255
5pF*
DOUT
Output Load (B)
for tHZ, tLZ, tWHZ, tOW, tOLZ
& tOHZ
VL=1.5V
50
30pF
DOUT
Z0=50
Output Load (A)


Similar Part No. - HMS4M16M16G

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS4M16F16G HANBIT-HMS4M16F16G Datasheet
76Kb / 8P
   SRAM MODULE 8Mbyte(4M x 16-Bit) 80-Pin SMM 5V
HMS4M16F16G-10 HANBIT-HMS4M16F16G-10 Datasheet
76Kb / 8P
   SRAM MODULE 8Mbyte(4M x 16-Bit) 80-Pin SMM 5V
HMS4M16F16G-12 HANBIT-HMS4M16F16G-12 Datasheet
76Kb / 8P
   SRAM MODULE 8Mbyte(4M x 16-Bit) 80-Pin SMM 5V
HMS4M16F16G-15 HANBIT-HMS4M16F16G-15 Datasheet
76Kb / 8P
   SRAM MODULE 8Mbyte(4M x 16-Bit) 80-Pin SMM 5V
HMS4M16F16G-17 HANBIT-HMS4M16F16G-17 Datasheet
76Kb / 8P
   SRAM MODULE 8Mbyte(4M x 16-Bit) 80-Pin SMM 5V
More results

Similar Description - HMS4M16M16G

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS4M16F16G HANBIT-HMS4M16F16G Datasheet
76Kb / 8P
   SRAM MODULE 8Mbyte(4M x 16-Bit) 80-Pin SMM 5V
HMS2M32M16G HANBIT-HMS2M32M16G Datasheet
282Kb / 10P
   SRAM MODULE 8Mbyte (2M x 32-Bit)
logo
Lyontek Inc.
LY62L409716A LYONTEK-LY62L409716A_17 Datasheet
750Kb / 12P
   4M X 16 BIT LOW POWER CMOS SRAM
logo
MOSAIC
SYS84000RKX-85 MOSAIC-SYS84000RKX-85 Datasheet
85Kb / 7P
   4M x 8 SRAM MODULE
logo
Hitachi Semiconductor
HM6216255HC HITACHI-HM6216255HC Datasheet
95Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
HM62W16255H HITACHI-HM62W16255H Datasheet
101Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RP0416D RENESAS-R1RP0416D Datasheet
100Kb / 15P
   4M High Speed SRAM (256-kword X 16-bit)
logo
Hitachi Semiconductor
HM6216255HI HITACHI-HM6216255HI Datasheet
90Kb / 16P
   4M high Speed SRAM (256-kword x 16-bit)
HM62W16255HI HITACHI-HM62W16255HI Datasheet
92Kb / 16P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RW0416D RENESAS-R1RW0416D Datasheet
100Kb / 16P
   4M High Speed SRAM (256-kword x 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com