Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS1M32M8L Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMS1M32M8L
Description  SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS1M32M8L Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMS1M32M8L Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS1M32M8L Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS1M32M8L Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS1M32M8L Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS1M32M8L Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS1M32M8L Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS1M32M8L Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HANBit
HMS1M32M8L
URL: www.hbe.co.kr
4
HANBit Electronics Co.,Ltd.
Rev. 1.0 (September / 2002)
DC AND OPERATING CHARACTERISTICS (2)
MAX
DESCRIPTION
TEST CONDITIONS
SYMBOL
-55
-70
UNIT
Power Supply
Current:Operating
IIO=0mA,/CE=VIL, VIN=VIL or
VIH, Read
lCC
480
480
mA
/CE=VIH, Other inputs=VIL or VIH
lSB
96
96
mA
Power Supply
Current:Standby
/CE
≥Vcc-0.2V, Other inputs=0~Vcc
lSB1
400
400
µA
CAPACITANCE
DESCRIPTION
TEST CONDITIONS
SYMBOL
MAX
UNIT
Input /Output Capacitance
VI/O=0V
CI/O
248
pF
Input Capacitance
VIN=0V
CIN
320
pF
* NOTE : Capacitance is sampled and not 100% tested
AC CHARACTERISTICS (0oC
≤ TA ≤ 70 oC ; Vcc = 5V ± 0.5V, unless otherwise specified)
Test conditions
PARAMETER
VALUE
Input Pulse Level
0.8 to 2.4V
Input Rise and Fall Time
5ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL=100pF + 1TTL
* See test condition of DC and Operating characteristics
+3.3V
319
353
5pF*
DOUT
Output Load (B)
for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ
VL=1.5V
50
30pF
DOUT
Z0=50
Output Load (A)


Similar Part No. - HMS1M32M8L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32M8LA HANBIT-HMS1M32M8LA Datasheet
71Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
HMS1M32M8LA-55 HANBIT-HMS1M32M8LA-55 Datasheet
71Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
HMS1M32M8LA-70 HANBIT-HMS1M32M8LA-70 Datasheet
71Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
More results

Similar Description - HMS1M32M8L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS1M32M8LA HANBIT-HMS1M32M8LA Datasheet
71Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P HANBIT-HMF1M32M8P Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMD1M32M2EG HANBIT-HMD1M32M2EG Datasheet
66Kb / 7P
   4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMS51232M4G HANBIT-HMS51232M4G Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2G HANBIT-HMD1M32M2G Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com