Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMNR1288D Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # HMNR1288D
Description  5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMNR1288D Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

Back Button HMNR1288D Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMNR1288D Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMNR1288D Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMNR1288D Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMNR1288D Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMNR1288D Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMNR1288D Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMNR1288D Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HMNR1288D Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
HANBit
HMNR1288D(V)
URL : www.hbe.co.kr
7
HANBit Electronics Co.,Ltd
Rev. 1.0 (April, 2002)
Figure 4. WRITE AC Waveforms, Chip Enable Controlled
WRITE Mode AC Characteristics
HMNR1288D
HMNR1288DV
-70
-85
Symbol
Parameter
(1)
Min
Max
Min
Max
Unit
tAVAV
WRITE Cycle Time
70
85
nS
tAVWL
Address Valid to WRITE Enable Low
0
0
nS
tAVEL
Address Valid to Chip Enable Low
0
0
nS
tWLWH
WRITE Enable Pulse Width
45
55
nS
tELEH
Chip Enable Low to Chip Enable High
50
60
nS
tWHAX
WRITE Enable High to Address Transition
0
0
nS
tEHAX
Chip Enable High to Address Transition
0
0
nS
tDVWH
Input Valid to WRITE Enable High
25
30
nS
tDVEH
Input Valid to Chip Enable High
25
30
nS
tWHDX
WRITE Enable High to Input Transition
0
0
nS
tEHDX
Chip Enable High to Input Transition
0
0
nS
tWLQZ
(2,3)
WRITE Enable Low to Output High-Z
20
25
nS
tAVWH
Address Valid to WRITE Enable High
55
65
nS
tAVEH
Address Valid to Chip Enable High
55
65
nS
tWHQX
(2,3)
WRITE Enable High to Output Transition
5
5
nS
Note : 1. Valid for Ambient Operating Temperature: TA = 0 to 70° C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where
noted).
2. CL = 5pF.
3. If /CE goes low simultaneously with /WE going low, the outputs remain in the high impedance state.
A0-A16


Similar Part No. - HMNR1288D

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMNR1288D DLGHANBIT-HMNR1288D Datasheet
727Kb / 11P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
HMNR1288DV DLGHANBIT-HMNR1288DV Datasheet
727Kb / 11P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
More results

Similar Description - HMNR1288D

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMNR1288D DLGHANBIT-HMNR1288D Datasheet
727Kb / 11P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
logo
STMicroelectronics
M48T129Y STMICROELECTRONICS-M48T129Y_05 Datasheet
481Kb / 30P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
logo
Hanbit Electronics Co.,...
HMNR5128D HANBIT-HMNR5128D Datasheet
274Kb / 13P
   5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR5128D DLGHANBIT-HMNR5128D Datasheet
724Kb / 11P
   5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
logo
Hanbit Electronics Co.,...
HMNR88D HANBIT-HMNR88D Datasheet
258Kb / 13P
   5.0 or 3.3V, 64K bit (8 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR88D DLGHANBIT-HMNR88D Datasheet
741Kb / 12P
   5.0 or 3.3V, 64K bit (8 Kbit x 8) TIMEKEEPER NVSRAM
logo
Hanbit Electronics Co.,...
HMNR28D HANBIT-HMNR28D Datasheet
271Kb / 13P
   5.0 or 3.3V, 16K bit (2 Kbit x 8) TIMEKEEPER NVSRAM
HMNR328D HANBIT-HMNR328D Datasheet
302Kb / 13P
   5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR328D DLGHANBIT-HMNR328D Datasheet
716Kb / 10P
   5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
HMNR28D DLGHANBIT-HMNR28D Datasheet
836Kb / 11P
   5.0 or 3.3V, 16K bit (2 Kbit x 8) TIMEKEEPER NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com