Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLL5249A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CLL5249A
Description  SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CLL5249A Datasheet(HTML) 1 Page - Continental Device India Limited

  CLL5249A Datasheet HTML 1Page - Continental Device India Limited CLL5249A Datasheet HTML 2Page - Continental Device India Limited CLL5249A Datasheet HTML 3Page - Continental Device India Limited CLL5249A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 4
SILICON ZENER DIODES
CLL5230A - CLL5261A
Hermetically Sealed Glass Silicon Zener Diodes
SOD-80C Zener Diodes
CLL5230A to CLL5261A, 500mW Hermetically Sealed, Glass Silicon Zener Diodes
Maximum Ratings
Ratings
Symbol
Value
Unit
DC Power Dissipation @ T
A ≤ 50°C
P
D
500
m W
Derate above T
A = 50°C
3.3
mW/°C
Operating and Storage Junction
T
J – Tstg
– 65 to + 200
° C
Temperature Range
Electrical Characteristics
T
A = 25°C Unless otherwise noted Based on dc measurements at thermal equilibrium; case temperature maintained at
30 ± 2°C. V
F = 1.1 max @ IF = 200 mA for all types.
CLL5230A
4.7
20
19
1900
5.0
1.9
2.0
50
± 0.030
CLL5231A
5.1
20
17
1600
5.0
1.9
2.0
50
± 0.030
CLL5232A
5.6
20
11
1600
5.0
2.9
3.0
50
+ 0.038
CLL5233A
6.0
20
7
1600
5.0
3.3
3.5
50
+ 0.038
CLL5234A
6.2
20
7
1000
5.0
3.8
4.0
50
+ 0.045
CLL5235A
6.8
20
5
750
3.0
4.8
5.0
30
+ 0.050
CLL5236A
7.5
20
6
500
3.0
5.7
6.0
30
+ 0.058
CLL5237A
8.2
20
8
500
3.0
6.2
6.5
30
+ 0.062
CLL5238A
8.7
20
8
600
3.0
6.2
6.5
30
+ 0.065
CLL5239A
9.1
20
10
600
3.0
6.7
7.0
30
+ 0.068
CLL5240A
10.0
20
17
600
3.0
7.6
8.0
30
+ 0.075
CLL5241A
11.0
20
22
600
2.0
8.0
8.4
30
+ 0.076
CLL5242A
12.0
20
30
600
1.0
8.7
9.1
10
+ 0.077
CLL5243A
13.0
9.5
13
600
0.5
9.4
9.9
10
+ 0.079
CLL5244A
14.0
9.0
15
600
0.1
9.5
10.0
10
+ 0.082
CLL5245A
15.0
8.5
16
600
0.1
10.5
11.0
10
+ 0.082
CLL5246A
16.0
7.8
17
600
0.1
11.4
12.0
10
+ 0.083
CLL5247A
17.0
7.4
19
600
0.1
12.4
13.0
10
+ 0.084
Nominal
Test
Max Zener Impedance
Max Reverse Leakage Current
Max Zener
Zener Voltage Current
A and B Suffix only
A and B Suffix only Non-Suffix
Voltage
Type No.
V
Z @ IZT
I
ZT
Temperature
(Note 1)
Volts
mA
Z
ZT @ IZT
Z
ZK @ IZK
I
R
@V
R
I
R @ VR
Coeff. (A and B
(Note 2)
(Note 2)
Ohms
= 0.25 mA
µA
Volts
Used for
Suffix only)
Ohms
A
B
Suffix A µA
θθθθθ VZ (%/°C)
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
CLL5230ARev290001
SOD-80C


Similar Part No. - CLL5249A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CLL5249A CDIL-CLL5249A Datasheet
133Kb / 4P
   SILIICON PLANAR ZENER DIODES
More results

Similar Description - CLL5249A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com