Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMNR328V Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd

Part # HMNR328V
Description  5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMNR328V Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd

Back Button HMNR328V Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMNR328V Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMNR328V Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMNR328V Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMNR328V Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMNR328V Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMNR328V Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HMNR328V Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd HMNR328V Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
HANBit
HMNR328D(V)
URL : www.hbe.co.kr
8
HANBit Electronics Co.,Ltd.
Rev. 0.0 (January, 2002)
WRITE Mode AC Characteristics
HMNR328D
HMNR328D
HMNR328DV
-70
-100
-85
Symbol
Parameter
(1)
Min
Max
Min
Max
Min
Max
Unit
tAVAV
WRITE Cycle Time
70
100
85
nS
tAVWL
Address Valid to WRITE Enable Low
0
0
0
nS
tAVEL
Address Valid to Chip Enable Low
0
0
0
nS
tWLWH
WRITE Enable Pulse Width
50
80
55
nS
tELEH
Chip Enable Low to Chip Enable High
55
80
60
nS
tWHAX
WRITE Enable High to Address Transition
0
10
0
nS
tEHAX
Chip Enable High to Address Transition
0
10
0
nS
tDVWH
Input Valid to WRITE Enable High
30
50
30
nS
tDVEH
Input Valid to Chip Enable High
30
50
30
nS
tWHDX
WRITE Enable High to Input Transition
5
5
0
nS
tEHDX
Chip Enable High to Input Transition
5
5
0
nS
tWLQZ
(2,3)
WRITE Enable Low to Output High-Z
25
50
25
nS
tAVWH
Address Valid to WRITE Enable High
60
80
65
nS
tAVEH
Address Valid to Chip Enable High
60
80
65
nS
tWHQX
(2,3)
WRITE Enable High to Output Transition
5
5
5
nS
Note : 1. Valid for Ambient Operating Temperature: TA = 0 to 70° C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where
noted).
2. CL = 5pF.
3. If /CE goes low simultaneously with /WE going low, the outputs remain in the high impedance state.
Data Retention Mode
With valid VCC applied, the HMNR328D(V) operates as a conventional Bytewide static RAM. Should the supply voltage
decay, the RAM will automatically deselect, write protecting itself when VCC falls between VPFD (max), VPFD (min) window.
All outputs become high impedance and all inputs are treated as “Don't care.”
Note : A power failure during a WRITE cycle may corrupt data at the current addressed location, but does not jeopardize
the rest of the RAM's content. At voltages below VPFD (min), the memory will be in a write protected state, provided the VCC
fall time is not less than tF. The HMNR328D(V) may respond to transient noise spikes on VCC that cross into the deselect
window during the time the device is sampling VCC. Therefore, decoupling of the power supply lines is recommended.
When VCC drops below VSO, the control circuit switches power to the internal battery, preserving data and powering the
clock. The internal energy source will maintain data in the HMNR328D(V) for an accumulated period of at least 10 years
at room temperature. As system power rises above VSO, the battery is disconnected, and the power supply is switched to
external VCC . Write protection continues until VCC reaches VPFD (min) plus tREC (min). Normal RAM operation can resume
tREC after VCC exceeds VPFD (max).


Similar Part No. - HMNR328V

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMNR328D DLGHANBIT-HMNR328D Datasheet
716Kb / 10P
   5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
HMNR328DV DLGHANBIT-HMNR328DV Datasheet
716Kb / 10P
   5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
HMNR328DVLF-100 DLGHANBIT-HMNR328DVLF-100 Datasheet
716Kb / 10P
   5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
HMNR328DVLF-70 DLGHANBIT-HMNR328DVLF-70 Datasheet
716Kb / 10P
   5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
HMNR328DVLF-85 DLGHANBIT-HMNR328DVLF-85 Datasheet
716Kb / 10P
   5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
More results

Similar Description - HMNR328V

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMNR328D DLGHANBIT-HMNR328D Datasheet
716Kb / 10P
   5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
logo
Hanbit Electronics Co.,...
HMNR88D HANBIT-HMNR88D Datasheet
258Kb / 13P
   5.0 or 3.3V, 64K bit (8 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR88D DLGHANBIT-HMNR88D Datasheet
741Kb / 12P
   5.0 or 3.3V, 64K bit (8 Kbit x 8) TIMEKEEPER NVSRAM
logo
Hanbit Electronics Co.,...
HMNR28D HANBIT-HMNR28D Datasheet
271Kb / 13P
   5.0 or 3.3V, 16K bit (2 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR28D DLGHANBIT-HMNR28D Datasheet
836Kb / 11P
   5.0 or 3.3V, 16K bit (2 Kbit x 8) TIMEKEEPER NVSRAM
logo
Hanbit Electronics Co.,...
HMNR1288D HANBIT-HMNR1288D Datasheet
315Kb / 14P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
HMNR5128D HANBIT-HMNR5128D Datasheet
274Kb / 13P
   5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR5128D DLGHANBIT-HMNR5128D Datasheet
724Kb / 11P
   5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
HMNR1288D DLGHANBIT-HMNR1288D Datasheet
727Kb / 11P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
logo
STMicroelectronics
M48T129Y STMICROELECTRONICS-M48T129Y_05 Datasheet
481Kb / 30P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com