Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJF6388 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # CJF6388
Description  NPN SILICON PLANAR DARLINGTON POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJF6388 Datasheet(HTML) 3 Page - Continental Device India Limited

  CJF6388 Datasheet HTML 1Page - Continental Device India Limited CJF6388 Datasheet HTML 2Page - Continental Device India Limited CJF6388 Datasheet HTML 3Page - Continental Device India Limited CJF6388 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CJF6388
TO-220FP Fully Isolated
Plastic Package
TO-220FP Fully Isolated Plastic Package
TO-220 FP Tube Packing
DIM
MIN
MAX
All diminsions in mm.
A
B
C
D
E
F
G
H
J
9.96
2.60
4.50
3.10
7.90
16.87
0.45
2.56
2.34
K
L
M
10.36
3.00
4.90
3.30
8.20
17.27
0.50
2.96
2.74
3.08
30.05
0.80
Pin Configuration
1. Base
2. Collector
3. Emitter
3
2
1
C
B
G
H
1
2
3
A
D
M
J
J
TO-220FP
200 pcs/polybag
50 pcs/tube
396 gm/200 pcs
135 gm/50 pcs
3" x 7.5" x 7.5"
3.5" x 3.7" x 21.5"
1K
1K
17" x 15" x 13.5"
19" x 19" x 19"
16K
10K
36 kgs
28 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
6.87
13.74
End Pin
Tube Thickness
DEVICE NAME
Label
536.00
±1.5
50 Pcs./Tube
Sr.
QTY.
AllDime n sion s in m m
AMMO PACK SIZE
20 Tubes/Ammo Pack
1000 Pcs./Ammo Pack
DEV
ICE
NAM
E
Sr.
Qty
.
Label
538
.00
75.0
Continental Device India Limited
Data Sheet
Page 3 of 4


Similar Part No. - CJF6388

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF6107 CDIL-CJF6107 Datasheet
295Kb / 4P
   PNP SILICON PLANAR POWER TRANSISTOR
logo
List of Unclassifed Man...
CJF6668 ETC1-CJF6668 Datasheet
173Kb / 4P
   PNP SILICON PLANAR DARLINGTON POWER TRANSISTOR
logo
Continental Device Indi...
CJF6668 CDIL-CJF6668 Datasheet
365Kb / 4P
   PNP SILICON PLANAR DARLINGTON POWER TRANSISTOR
More results

Similar Description - CJF6388

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCV49 ZETEX-BCV49 Datasheet
16Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTOR
BCV29 ZETEX-BCV29 Datasheet
16Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTOR
FZTA14 ZETEX-FZTA14 Datasheet
23Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTOR
FZT600 ZETEX-FZT600 Datasheet
100Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FXT603 ZETEX-FXT603 Datasheet
29Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
BC372 ZETEX-BC372 Datasheet
478Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
ZTX614 DIODES-ZTX614 Datasheet
45Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Zetex Semiconductors
BST52 ZETEX-BST52 Datasheet
16Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTOR
MPSA12P ZETEX-MPSA12P Datasheet
39Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
BC372P ZETEX-BC372P Datasheet
468Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com