Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMNP16MM Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMNP16MM
Description  Non-Volatile SRAM MODULE 16Mbyte (4,096K x 32Bit), PCI interface, (SMM) 5V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMNP16MM Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMNP16MM Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMNP16MM Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMNP16MM Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMNP16MM Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMNP16MM Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMNP16MM Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMNP16MM Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMNP16MM Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMNP16MM Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HANBit
HMNP16MM
URL : www.hbe.co.kr
4
HANBit Electronics Co.,Ltd
Rev. 0.0 (April, 2002)
BLOCK DIAGRAM
E
X
T
E
R
N
A
L
S
L
O
T
PCI BRIDGE
EPLD
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
POWER
CONTROLLER
POWER
CONTROLLER
POWER
CONTROLLER
POWER
CONTROLLER
POWER
CONTROLLER
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM


Similar Part No. - HMNP16MM

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMNP32MM HANBIT-HMNP32MM Datasheet
465Kb / 13P
   Non-Volatile SRAM MODULE 32Mbyte (8M x 32Bit), PCI interface, (SMM) 5V
HMNP32MM-55 HANBIT-HMNP32MM-55 Datasheet
465Kb / 13P
   Non-Volatile SRAM MODULE 32Mbyte (8M x 32Bit), PCI interface, (SMM) 5V
HMNP32MM-70 HANBIT-HMNP32MM-70 Datasheet
465Kb / 13P
   Non-Volatile SRAM MODULE 32Mbyte (8M x 32Bit), PCI interface, (SMM) 5V
More results

Similar Description - HMNP16MM

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMNP32MM HANBIT-HMNP32MM Datasheet
465Kb / 13P
   Non-Volatile SRAM MODULE 32Mbyte (8M x 32Bit), PCI interface, (SMM) 5V
logo
DLG Hanbit co.,Ltd.
HMN4M8DE DLGHANBIT-HMN4M8DE Datasheet
584Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN4M8D HANBIT-HMN4M8D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN4M8DVB DLGHANBIT-HMN4M8DVB Datasheet
547Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP,3.3V
logo
Hanbit Electronics Co.,...
HMN4M8DV HANBIT-HMN4M8DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 3.3V
HMF4M32M8G HANBIT-HMF4M32M8G Datasheet
417Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32Bit), 72-Pin SIMM, 5V
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com