Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMN2568D-120I Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMN2568D-120I
Description  Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN2568D-120I Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMN2568D-120I Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN2568D-120I Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN2568D-120I Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN2568D-120I Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN2568D-120I Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN2568D-120I Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN2568D-120I Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN2568D-120I Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN2568D-120I Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HANBit
HMN2568D
URL : www.hbe.co.kr
5
HANBit Electronics Co.,Ltd
Rev. 0.0 (April, 2002)
READ CYCLE (TA= TOPR, VCCmin £ VCC≤ VCCmax )
-70
-85
-120
-150
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Read Cycle Time
tRC
70
-
85
-
120
-
150
-
ns
Address Access Time
tACC
Output load A
-
70
-
85
-
120
-
150
ns
Chip enable access time
tACE
Output load A
-
70
-
85
-
120
-
150
ns
Output enable to Output valid
tOE
Output load A
-
35
-
45
-
60
-
70
ns
Chip enable to output in low Z
tCLZ
Output load B
5
-
5
-
5
-
10
-
ns
Output enable to output in low Z
tOLZ
Output load B
5
-
0
-
0
-
5
-
ns
Chip disable to output in high Z
tCHZ
Output load B
0
25
0
35
0
45
0
60
ns
Output disable to output high Z
tOHZ
Output load B
0
25
0
25
0
35
0
50
ns
Output hold from address change
tOH
Output load A
10
-
10
-
10
-
10
-
ns
WRITE CYCLE (TA= TOPR, Vccmin £ Vcc ≤ Vccmax )
-70
-85
-120
-150
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
Min
Max
UNI
T
Write Cycle Time
tWC
70
-
85
-
120
-
150
-
ns
Chip enable to end of write
tCW
Note 1
65
-
75
-
100
-
100
-
ns
Address setup time
tAS
Note 2
0
-
0
-
0
-
0
-
ns
Address valid to end of write
tAW
Note 1
65
-
75
-
100
-
90
-
ns
Write pulse width
tWP
Note 1
55
-
65
-
85
-
90
-
ns
Write recovery time (write cycle 1)
tWR1
Note 3
5
-
5
-
5
-
5
-
ns
Write recovery time (write cycle 2)
tWR2
Note 3
15
-
15
-
15
-
15
-
ns
Data valid to end of write
tDW
30
-
35
-
45
-
50
-
ns
Data hold time (write cycle 1)
tDH1
Note 4
0
-
0
-
0
-
0
-
ns
Data hold time (write cycle 2)
tDH2
Note 4
10
-
10
-
10
-
0
-
ns
Write enabled to output in high Z
tWZ
Note 5
0
25
0
30
0
40
0
50
ns
Output active from end of write
tOW
Note 5
5
-
0
-
0
-
5
-
ns
NOTE: 1. A write ends at the earlier transition of /CE going high and /WE going high.
2. A write occurs during the overlap of allow /CE and a low /WE. A write begins at the later transition of /CE
going low and /WE going low.
3. Either tWR1 or tWR2 must be met.
4. Either tDH1 or tDH2 must be met.
5. If /CE goes low simultaneously with /WE going low or after /WE going low, the outputs remain in high-
impedance state.


Similar Part No. - HMN2568D-120I

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN28D HANBIT-HMN28D Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
HMN28D-120 HANBIT-HMN28D-120 Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
HMN28D-120I HANBIT-HMN28D-120I Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
HMN28D-150 HANBIT-HMN28D-150 Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
HMN28D-150I HANBIT-HMN28D-150I Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
More results

Similar Description - HMN2568D-120I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN12816D ETC-HMN12816D Datasheet
143Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
logo
Hanbit Electronics Co.,...
HMN12816D HANBIT-HMN12816D Datasheet
147Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
HMN1288DV HANBIT-HMN1288DV Datasheet
98Kb / 9P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com