Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMN2568D-70 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HMN2568D-70
Description  Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN2568D-70 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMN2568D-70 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN2568D-70 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HANBit
HMN2568D
URL : www.hbe.co.kr
3
HANBit Electronics Co.,Ltd
Rev. 0.0 (April, 2002)
TRUTH TABLE
MODE
/OE
/CE
/WE
I/O OPERATION
POWER
Not selected
X
H
X
High Z
Standby
Output disable
H
L
H
High Z
Active
Read
L
L
H
DOUT
Active
Write
X
L
L
DIN
Active
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
CONDITIONS
DC voltage applied on VCC relative to VSS
VCC
-0.3V to 7.0V
DC Voltage applied on any pin excluding VCC
relative to VSS
VT
-0.3V to 7.0V
VT≤ VCC+0.3
0 to 70
°C
Commercial
Operating temperature
TOPR
-40 to 85
°C
Industrial
Storage temperature
TSTG
-40
°C to 70°C
Temperature under bias
TBIAS
-10
°C to 70°C
Soldering temperature
TSOLDER
260
°C
For 10 second
NOTE: Permanent device damage may occur if Absolute Maximum Ratings are exceeded.
Functional operation should be restricted to the Recommended DC Operating Conditions detailed in this data sheet.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS ( TA= TOPR )
PARAMETER
SYMBOL
MIN
TYPICAL
MAX
Supply Voltage
VCC
4.5V
5.0V
5.5V
Ground
VSS
0
0
0
Input high voltage
VIH
2.2
-
Vcc+0.3V
Input low voltage
VIL
-0.3
-
0.8V
NOTE: Typical values indicate operation at TA = 25℃


Similar Part No. - HMN2568D-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN28D HANBIT-HMN28D Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
HMN28D-120 HANBIT-HMN28D-120 Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
HMN28D-120I HANBIT-HMN28D-120I Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
HMN28D-150 HANBIT-HMN28D-150 Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
HMN28D-150I HANBIT-HMN28D-150I Datasheet
171Kb / 9P
   Non-Volatile SRAM MODULE 16Kbit (2K x 8-Bit), 24pin DIP, 5V
More results

Similar Description - HMN2568D-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN12816D ETC-HMN12816D Datasheet
143Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
logo
Hanbit Electronics Co.,...
HMN12816D HANBIT-HMN12816D Datasheet
147Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
HMN1288DV HANBIT-HMN1288DV Datasheet
98Kb / 9P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com