Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMN1M8DVN-70 Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # HMN1M8DVN-70
Description  Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 40Pin - DIP, 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN1M8DVN-70 Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  HMN1M8DVN-70 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-70 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-70 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-70 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-70 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-70 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-70 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-70 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-70 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HANBit
HMN1M8DVN
URL:www.hbe.co.kr
2
HANBit Electronics Co.,Ltd
Rev.0.0 (January/ 2003)
DQ0-DQ7
A0-A19
/OE
/WE
/CE CON
Power
VCC
Lithium
Cell
2 x 512K x 8
SRAM
Block
/CE
Power – Fail
Control
A19
FUNCTIONAL DESCRIPTION
The HMN1M8DVN executes a read cycle whenever /WE is inactive(high) and /CE is active(low). The address specified by
the address inputs(A0-A19) defines which of the 1,048,576 bytes of data is accessed. Valid data will be available to the
eight data output drivers within tACC (access time) after the last address input signal is stable.
When power is valid, the HMN1M8DVN operates as a standard CMOS SRAM. During power-down and power-up cycles,
the HMN1M8DVN acts as a nonvolatile memory, automatically protecting and preserving the memory contents.
The HMN1M8DVN is in the write mode whenever the /WE and /CE signals are in the active (low) state after address
inputs are stable. The later occurring falling edge of /CE or /WE will determine the start of the write cycle. The write cycle
is terminated by the earlier rising edge of /CE or /WE. All address inputs must be kept valid throughout the write cycle.
/WE must return to the high state for a minimum recovery time (tWR) before another cycle can be initiated. The /OE control
signal should be kept inactive (high) during write cycles to avoid bus contention. However, if the output bus been enabled
(/CE and /OE active) then /WE will disable the outputs in tODW from its falling edge.
The HMN1M8DVN provides full functional capability for Vcc greater than 3.0 V and write protects by 2.8 V nominal.
Power-down/power-up control circuitry constantly monitors the Vcc supply for a power-fail-detect threshold VPFD. When
VCC falls below the VPFD threshold, the SRAM automatically write-protects the data. All inputs to the RAM become “don’t
care
” and all outputs are high impedance. As Vcc falls below approximately 2.5V, the power switching circuit connects the
lithium energy soure to RAM to retain data. During power-up, when Vcc rises above approximately 2.5 volts, the power
switching circuit connects external Vcc to the RAM and disconnects the lithium energy source. Normal RAM operation can
resume after Vcc exceeds 3.0 volts.
BLOCK DIAGRAM
PIN DESCRIPTION
A0-A19 : Address Input
/CE : Chip Enable
VSS : Ground
DQ0-DQ7 : Data In / Data Out
/WE : Write Enable
/OE : Output Enable
VCC: Power (+3.3V)
NC : No Connection
DU : Do not use.


Similar Part No. - HMN1M8DVN-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN1M8DV HANBIT-HMN1M8DV Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
HMN1M8DV-120I HANBIT-HMN1M8DV-120I Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
HMN1M8DV-150I HANBIT-HMN1M8DV-150I Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
HMN1M8DV-70I HANBIT-HMN1M8DV-70I Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
HMN1M8DV-85I HANBIT-HMN1M8DV-85I Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
More results

Similar Description - HMN1M8DVN-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN1M8DV HANBIT-HMN1M8DV Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN2M8DVB DLGHANBIT-HMN2M8DVB Datasheet
548Kb / 7P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP,3.3V
HMN4M8DVB DLGHANBIT-HMN4M8DVB Datasheet
547Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP,3.3V
logo
Hanbit Electronics Co.,...
HMN4M8DV HANBIT-HMN4M8DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 3.3V
HMN1M8D HANBIT-HMN1M8D Datasheet
167Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 36Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1M8DE DLGHANBIT-HMN1M8DE Datasheet
569Kb / 7P
   Non-Volatile SRAM MODULE 8Mbit (1,024K x 8-Bit), 36Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN4M8D HANBIT-HMN4M8D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN4M8DE DLGHANBIT-HMN4M8DE Datasheet
584Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN12816D ETC-HMN12816D Datasheet
143Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com