Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMN1M8DVN-85I Datasheet(PDF) 9 Page - Hanbit Electronics Co.,Ltd

Part # HMN1M8DVN-85I
Description  Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 40Pin - DIP, 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN1M8DVN-85I Datasheet(HTML) 9 Page - Hanbit Electronics Co.,Ltd

  HMN1M8DVN-85I Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-85I Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-85I Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-85I Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-85I Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-85I Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-85I Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-85I Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN1M8DVN-85I Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
HANBit
HMN1M8DVN
URL:www.hbe.co.kr
9
HANBit Electronics Co.,Ltd
Rev.0.0 (January/ 2003)
PACKAGE DIMENSION
Dimension
Min
Max
A
2.070
2.100
B
0.710
0.740
C
0.365
0.375
D
0.015
-
E
0.008
0.013
F
0.590
0.630
G
0.017
0.023
H
0.090
0.110
I
0.080
0.110
J
0.120
0.150
All dimensions are in inches.
ODERING INFORMATION
H M N 1 M 8 DV N
– 70 I
C
A
B
D
F
E
H
G
I
J
Device : 1,024K x 8 bit
Speed options : 70 = 70 ns
85 = 85ns
120 = 120ns
150 = 150ns
HANBit Memory Module
Nonvolatile SRAM
3.3V Dip type package
Operating Temperature : I = Industrial Temp. (-40~85
°C )
Blank = Commercial Temp. (0~70
°C)
Non-Standard 40pin Package


Similar Part No. - HMN1M8DVN-85I

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN1M8DV HANBIT-HMN1M8DV Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
HMN1M8DV-120I HANBIT-HMN1M8DV-120I Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
HMN1M8DV-150I HANBIT-HMN1M8DV-150I Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
HMN1M8DV-70I HANBIT-HMN1M8DV-70I Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
HMN1M8DV-85I HANBIT-HMN1M8DV-85I Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
More results

Similar Description - HMN1M8DVN-85I

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN1M8DV HANBIT-HMN1M8DV Datasheet
196Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN2M8DVB DLGHANBIT-HMN2M8DVB Datasheet
548Kb / 7P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP,3.3V
HMN4M8DVB DLGHANBIT-HMN4M8DVB Datasheet
547Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP,3.3V
logo
Hanbit Electronics Co.,...
HMN4M8DV HANBIT-HMN4M8DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 3.3V
HMN1M8D HANBIT-HMN1M8D Datasheet
167Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 36Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1M8DE DLGHANBIT-HMN1M8DE Datasheet
569Kb / 7P
   Non-Volatile SRAM MODULE 8Mbit (1,024K x 8-Bit), 36Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN4M8D HANBIT-HMN4M8D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN4M8DE DLGHANBIT-HMN4M8DE Datasheet
584Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN12816D ETC-HMN12816D Datasheet
143Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com