Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA5921 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 1SMA5921
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1SMA5921 Datasheet(HTML) 2 Page - Continental Device India Limited

  1SMA5921 Datasheet HTML 1Page - Continental Device India Limited 1SMA5921 Datasheet HTML 2Page - Continental Device India Limited 1SMA5921 Datasheet HTML 3Page - Continental Device India Limited 1SMA5921 Datasheet HTML 4Page - Continental Device India Limited 1SMA5921 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SURFACE MOUNT SILICON DIODE
1SMA5917 - 1SMA5945
(4V7 - 68V)
DO-214AC (SMA)
Surface Mount Package
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
VF @ 200mA <1.2V
IR @
VR
(
Ω)
(mA)
(
Ω)
(mA)
(
µµA)
(V)
Nom. V
max
max
max
max
49.40
67
8.00
1000
0.25
1.0
35.8
53.60
70
7.30
1100
0.25
1.0
38.8
58.8
86
6.7
1300
0.25
1.0
42.6
65.1
100
6.0
1500
0.25
1.0
47.1
71.4
120
5.5
1700
0.25
1.0
51.7
1SMA5917_5945Rev080205E
941A
942A
Reverse Leakage
Marking
Code
ZZK @ IZK
(V)
1SMA5941
Zener Impedance
47
51
44.65
48.45
VZ @ IZT
ZZT @ IZT
min
945A
1SMA5943
53.2
943A
1SMA5944
58.9
944A
68
62
56
1SMA5945
64.6
1SMA5942
Device #
Zener Voltage
Continental Device India Limited
Data Sheet
Page 2 of 5


Similar Part No. - 1SMA5921

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921 Datasheet
87Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMA5921 PANJIT-1SMA5921 Datasheet
127Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Guangdong Kexin Industr...
1SMA5921 KEXIN-1SMA5921 Datasheet
1Mb / 4P
   Zener Diodes
logo
Pan Jit International I...
1SMA5921-AU PANJIT-1SMA5921-AU Datasheet
224Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE Built-in strain relief
1SMA5921-AU_A0_00001 PANJIT-1SMA5921-AU_A0_00001 Datasheet
224Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE Built-in strain relief
More results

Similar Description - 1SMA5921

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_15 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com