Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2219A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 2N2219A
Description  NPN switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N2219A Datasheet(HTML) 5 Page - NXP Semiconductors

  2N2219A Datasheet HTML 1Page - NXP Semiconductors 2N2219A Datasheet HTML 2Page - NXP Semiconductors 2N2219A Datasheet HTML 3Page - NXP Semiconductors 2N2219A Datasheet HTML 4Page - NXP Semiconductors 2N2219A Datasheet HTML 5Page - NXP Semiconductors 2N2219A Datasheet HTML 6Page - NXP Semiconductors 2N2219A Datasheet HTML 7Page - NXP Semiconductors 2N2219A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 Sep 03
5
Philips Semiconductors
Product specification
NPN switching transistors
2N2219; 2N2219A
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Switching times (between 10% and 90% levels) for type 2N2219A; see Fig.2
ton
turn-on time
ICon = 150 mA; IBon = 15 mA;
IBoff = −15 mA
35
ns
td
delay time
15
ns
tr
rise time
20
ns
toff
turn-off time
250
ns
ts
storage time
200
ns
tf
fall time
60
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Fig.2 Test circuit for switching times.
handbook, full pagewidth
RC
R2
R1
DUT
MLB826
Vo
RB
(probe)
450
(probe)
450
oscilloscope
oscilloscope
VBB
Vi
VCC
Vi = 9.5 V; T = 500 µs; tp = 10 µs; tr =tf ≤ 3 ns.
R1 = 68
Ω; R2 = 325 Ω; RB = 325 Ω; RC = 160 Ω.
VBB = −3.5 V; VCC = 29.5 V.
Oscilloscope: input impedance Zi =50 Ω.


Similar Part No. - 2N2219A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2219A STMICROELECTRONICS-2N2219A Datasheet
73Kb / 8P
   HIGH SPEED SWITCHES
June 1999
logo
Seme LAB
2N2219A SEME-LAB-2N2219A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
logo
TT Electronics.
2N2219A TTELEC-2N2219A Datasheet
247Kb / 3P
   SILICON SWITCHING NPN TRANSISTOR
logo
Semicoa Semiconductor
2N2219A SEMICOA-2N2219A Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
logo
Micro Commercial Compon...
2N2219A MCC-2N2219A Datasheet
332Kb / 10P
   SMALL SIGNAL BIPOLAR NPN SILICON
More results

Similar Description - 2N2219A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
   NPN switching transistors
1999 Apr 27
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
   NPN switching transistors
1999 Apr 14
PMBT2222 NXP-PMBT2222 Datasheet
152Kb / 8P
   NPN switching transistors
2004 Jan 22
logo
Nexperia B.V. All right...
BSR13 NEXPERIA-BSR13 Datasheet
376Kb / 9P
   NPN switching transistors
2004 Jan 13
logo
NXP Semiconductors
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
   NPN switching transistors
1997 Jun 17
BSW66A PHILIPS-BSW66A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 05
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
   NPN Switching Transistors
2N2222A-BP MCC-2N2222A-BP Datasheet
243Kb / 3P
   NPN Switching Transistors
logo
Comset Semiconductor
2N5681 COMSET-2N5681 Datasheet
79Kb / 3P
   NPN SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
   NPN Switching Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com