Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2219 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. 2N2219
Description  NPN switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 3 page
background image
1997 Sep 03
3
Philips Semiconductors
Product specification
NPN switching transistors
2N2219; 2N2219A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
2N2219
60
V
2N2219A
75
V
VCEO
collector-emitter voltage
2N2219
open base
30
V
2N2219A
open base; IC ≤ 500 mA
40
V
VEBO
emitter-base voltage
open collector
2N2219
5V
2N2219A
6V
IC
collector current (DC)
800
mA
ICM
peak collector current
800
mA
IBM
peak base current
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
800
mW
Tcase ≤ 25 °C
3W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
200
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
190
K/W
Rth j-c
thermal resistance from junction to case
50
K/W




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FMMT2222SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 List of Unclassifed Manufacturers
BSS66SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS 1 List of Unclassifed Manufacturers
FMMT3903SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 Zetex Semiconductors
FMMT617NPN SILICON POWER SWITCHING TRANSISTORS 1 2 3 4 Zetex Semiconductors
2SC6044NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications 1 2 3 4 Sanyo Semicon Device
BUX86NPN SILICON HIGH VWLTAGE SWITCHING TRANSISTORS 1 2 3 4 5 Siemens Semiconductor Group
2N2221ANPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 3 Boca Semiconductor Corporation
2N3646NPN SILICON SWITCHING TRANSISTORS 1 Central Semiconductor Corp
BUX45HIGH VOLTAGE HIGH POWER SILICON NPN POWER SWITCHING TRANSISTORS 1 2 3 4 List of Unclassifed Manufacturers
ZTX320NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS 1 2 Zetex Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl