Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C4320L-90TDI Datasheet(PDF) 4 Page - MUSIC Semiconductors

Part # MU9C4320L-90TDI
Description  4K x 32 Content Addressable Memory (CAM) with a 32-bit wide data interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C4320L-90TDI Datasheet(HTML) 4 Page - MUSIC Semiconductors

  MU9C4320L-90TDI Datasheet HTML 1Page - MUSIC Semiconductors MU9C4320L-90TDI Datasheet HTML 2Page - MUSIC Semiconductors MU9C4320L-90TDI Datasheet HTML 3Page - MUSIC Semiconductors MU9C4320L-90TDI Datasheet HTML 4Page - MUSIC Semiconductors MU9C4320L-90TDI Datasheet HTML 5Page - MUSIC Semiconductors MU9C4320L-90TDI Datasheet HTML 6Page - MUSIC Semiconductors MU9C4320L-90TDI Datasheet HTML 7Page - MUSIC Semiconductors MU9C4320L-90TDI Datasheet HTML 8Page - MUSIC Semiconductors MU9C4320L-90TDI Datasheet HTML 9Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MU9C4320L ATMCAM
Pin Descriptions
4
Rev. 3
PIN DESCRIPTIONS
Note: Signal names that start with a slash (“/”) are active LOW. All signals are 3.3V CMOS level. Never leave inputs floating. The
CAM architecture draws large currents during compare operations, mandating the use of good layout and bypassing techniques. Refer
to the Electrical Characteristics section for more information.
DQ31–0 (Data Bus, Three-state, Common
Input/Output)
The DQ31–0 lines convey data to and from the
ATMCAM. When the /E input is HIGH the DQ31–0 lines
are held in their high-impedance state. The /W input
determines whether data flows to or from the device on the
DQ31–0 lines. The source or destination of the data is
determined by the AC11–0 lines and the /AV line. During
a Write cycle, data on the DQ31–0 lines is registered by
the falling edge of /E.
AC11–0 (Address/Control Bus, Input)
When Hardware control is selected, the AC11–0 lines
convey address or control information to the ATMCAM,
depending on the state of the /AV input. When /AV is
LOW then AC11–0 carry an address; when /AV is HIGH
AC11–0 carry control information. Data on the AC11–0
lines are registered by the falling edge of /E. When
software control is selected, the state of the AC11–0 lines
does not affect the operation of the device.
AA11–0 (Active Address, Output)
The AA11–0 lines convey the CAM Match address, the
VP Table address, the Next Free address, or Random
Access address, depending on the most recent memory
cycle. The /OE input enables the AA11–0 outputs; when
the /OE input is HIGH, the AA11–0 outputs are in their
high-impedance state; when /OE is LOW the AA11–0
lines are active. In a vertically cascaded system after a
Comparison cycle, Write at Next Free Address cycle or
Read/Write
at
Highest-Priority
match,
only
the
highest-priority device will enable its AA11–0 lines,
regardless of the state of the /OE input. In the event of a
mismatch in both CAM array and VP Table after a
Compare cycle, or after a Write at Next Free Address
cycle into an already full system, the lowest-priority
device will drive the AA11–0 lines with all 1s. The
AA11–0 lines are latched when /E is LOW, and are free to
change only when /E is HIGH.
Figure 3: ATMCAM Pinout
ATMCAM
100-Pin TQFP
(Top View)
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
81
31
100
99
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
32
TCLK
TMS
TDI
DQ0
DQ1
DQ2
DQ3
VDD
DQ4
DQ5
DQ6
DQ7
GND
DQ8
DQ9
DQ10
DQ11
VDD
DQ12
DQ13
DQ14
DQ15
GND
GND
GND
AC11
AC10
AC9
AC8
AC7
AC6
VDD
AC5
AC4
AC3
AC2
AC1
AC0
TDO
NC


Similar Part No. - MU9C4320L-90TDI

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C4480A MUSIC-MU9C4480A Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C4480A-70DC MUSIC-MU9C4480A-70DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C4480A-70DI MUSIC-MU9C4480A-70DI Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C4480A-90DC MUSIC-MU9C4480A-90DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C4480A-90DI MUSIC-MU9C4480A-90DI Datasheet
331Kb / 32P
   LANCAM A/L series
More results

Similar Description - MU9C4320L-90TDI

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
P1480 ZARLINK-P1480 Datasheet
847Kb / 16P
   LAN CAM 1KX64 BIT CMOS CONTENT ADDRESSABLE MEMORY
logo
List of Unclassifed Man...
MU9C1480A ETC1-MU9C1480A Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
logo
Motorola, Inc
MC10H155 MOTOROLA-MC10H155 Datasheet
683Kb / 11P
   16-Bit ECL Content Addressable Memory
logo
Zarlink Semiconductor I...
MJ2812 ZARLINK-MJ2812 Datasheet
681Kb / 6P
   32 WORDS X 8 BIT FIFO MEMORY
logo
PMC-Sierra, Inc
PM7367-1 PMC-PM7367-1 Datasheet
39Kb / 2P
   32 link, 32 Channel Data Link Manager with PCI Interface
PM7367 PMC-PM7367 Datasheet
49Kb / 4P
   32 link, 32 Channel Data Link Manager with PCI Interface
logo
Maxwell Technologies
29F0408 MAXWELL-29F0408 Datasheet
941Kb / 33P
   32 Megabit (4M x 8-Bit) Flash Memory
logo
Motorola, Inc
MCM69C232 MOTOROLA-MCM69C232 Datasheet
248Kb / 20P
   4K x 64 CAM
logo
NXP Semiconductors
LPC2210 PHILIPS-LPC2210 Datasheet
181Kb / 39P
   16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
Rev. 01-09 February 2004
logo
LSI Computer Systems
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
   32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com