Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1893 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. 2N1893
Description  NPN medium power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 2 page
background image
1997 Apr 17
2
Philips Semiconductors
Product specification
NPN medium power transistor
2N1893
FEATURES
• Low current (max. 500 mA)
• Low voltage (max. 80 V).
APPLICATIONS
• High performance amplifiers
• Oscillator and switching applications.
DESCRIPTION
NPN medium power transistor in a TO-39 metal package.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector, connected to case
Fig.1 Simplified outline (TO-39) and symbol.
handbook, halfpage
3
1
2
MAM317
1
2
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
120
V
VCEO
collector-emitter voltage
open base
80
V
ICM
peak collector current
1A
Ptot
total power dissipation
Tcase ≤ 25 °C
3W
hFE
DC current gain
IC = 150 mA; VCE = 10 V
40
120




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCP68NPN medium power transistor 1 2 3 4 5 MoreNXP Semiconductors
FMMT491ANPN SILICON PLANAR MEDIUM POWER TRANSISTOR 1 2 Zetex Semiconductors
ZTX1048ANPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 3 4 Zetex Semiconductors
ZTX689BNPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 3 Zetex Semiconductors
NE678M04MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR 1 2 3 4 5 MoreNEC
BUL85DMEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
BC868SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR 1 Zetex Semiconductors
BD157Plastic Medium Power NPN Silicon Transistor 1 2 3 4 Motorola, Inc
STX715NPN MEDIUM POWER TRANSISTOR 1 2 3 4 STMicroelectronics
BCP56NPN SILICON PLANAR MEDIUM POWER TRANSISTOR 1 Zetex Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl