Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7837 Datasheet(PDF) 4 Page - EPCOS

Part # B7837
Description  Low-Loss Filter for Mobile Communication
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7837 Datasheet(HTML) 4 Page - EPCOS

  B7837 Datasheet HTML 1Page - EPCOS B7837 Datasheet HTML 2Page - EPCOS B7837 Datasheet HTML 3Page - EPCOS B7837 Datasheet HTML 4Page - EPCOS B7837 Datasheet HTML 5Page - EPCOS B7837 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Mar 31 2004
SAW Components
B7837
942,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -10 to +80 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 150 Ω || 82 nH (balanced)
1) 2,2 dB for T= -30˚C to +85˚C
2) 17 dB for T= -30˚C to +85˚C
min.
typ.
max.
Center frequency
fC
942,5
MHz
Maximum insertion attenuation
α
max
925,0
... 960,0
MHz
1,5
2,01) dB
Amplitude ripple (p-p)
∆α
925,0
... 960,0
MHz
0,8
1,2
dB
Input VSWR
925,0
... 960,0
MHz
1,8
2,0
Output VSWR
925,0
... 960,0
MHz
1,8
2,0
Attenuation
0,0
... 480,0
MHz
45
53
dB
480,0
... 905,0
MHz
30
34
dB
905,0
... 915,0
MHz
202)
27
dB
980,0
...1000,0
MHz
25
29
dB
1000,0
...1850,0MHz
28
38
dB
1850,0
...6000,0MHz
40
44
dB
Amplitude balance
(|S31/S21|)
925,0
... 960,0
MHz
-1,0
-0,5 / +0,7
1,0
dB
phase balance
(φ(S31)−φ(S21)+180˚)
925,0
... 960,0
MHz
-5
-3 / +2
5
degree
Diff. to common mode suppression
Ssc12
925,0
... 960,0
MHz
22
29
dB
824,0
... 995,0
MHz
22
29
dB
1648,0
... 1990,0
MHz
22
45
dB
3296,0
... 3980,0
MHz
20
48
dB


Similar Part No. - B7837

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78302 TDK-B78302 Datasheet
246Kb / 7P
   SMD transformer for ultrasonic sensors
July 2022
B78302A2401A003 TDK-B78302A2401A003 Datasheet
246Kb / 7P
   SMD transformer for ultrasonic sensors
July 2022
B78302A2402A003 TDK-B78302A2402A003 Datasheet
246Kb / 7P
   SMD transformer for ultrasonic sensors
July 2022
B78302A2403A003 TDK-B78302A2403A003 Datasheet
246Kb / 7P
   SMD transformer for ultrasonic sensors
July 2022
B78302AA003 TDK-B78302AA003 Datasheet
246Kb / 7P
   SMD transformer for ultrasonic sensors
July 2022
More results

Similar Description - B7837

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4127 EPCOS-B4127 Datasheet
68Kb / 7P
   Low-Loss Filter for Mobile Communication
B7822 EPCOS-B7822 Datasheet
61Kb / 7P
   Low-Loss Filter for Mobile Communication
B7844 EPCOS-B7844 Datasheet
90Kb / 6P
   Low-Loss Filter for Mobile Communication
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
   Low-Loss Filter for Mobile Communication
B9015 EPCOS-B9015 Datasheet
72Kb / 6P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4126 ETC-B4126 Datasheet
49Kb / 4P
   Low Loss Filter for Mobile Communication
logo
EPCOS
B4133 EPCOS-B4133 Datasheet
70Kb / 6P
   Low-Loss Filter for Mobile Communication
B4166 EPCOS-B4166 Datasheet
77Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4168 ETC-B4168 Datasheet
85Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
EPCOS
B7834 EPCOS-B7834 Datasheet
67Kb / 6P
   Low-Loss Filter for Mobile Communication
B7806 EPCOS-B7806 Datasheet
86Kb / 7P
   Low-Loss Filter for Mobile Communication
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com