Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF1M32M8P-70 Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMF1M32M8P-70
Description  FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF1M32M8P-70 Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMF1M32M8P-70 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF1M32M8P-70 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF1M32M8P-70 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF1M32M8P-70 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF1M32M8P-70 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF1M32M8P-70 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF1M32M8P-70 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF1M32M8P-70 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF1M32M8P-70 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HANBit
HMF1M32M8P
URL : www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
4
ERASE AND PROGRAMMING PERFORMANCE
LIMITS
PARAMETER
MIN.
TYP.
MAX.
UNIT
COMMENTS
Sector Erase Time
-
1
8
sec
Excludes 00H programming
prior to erasure
Byte Programming Time
-
7
300
µs
Excludes system-level
overhead
Chip Programming Time
-
3.6
10.8
sec
Excludes system-level
overhead
CAPACITANCE
PARAMETER
SYMBOL
PARAMETER
DESCRIPTION
TEST SETUP
TYP.
MAX
UNIT
CIN
Input Capacitance
VIN = 0
4
6
pF
COUT
Output Capacitance
VOUT = 0
8
12
pF
CIN2
Control Pin Capacitance
VIN = 0
8
12
pF
Notes : Test conditions TA = 25
o C, f=1.0 MHz.
AC CHARACTERISTICS
u Read Only Operations Characteristics
PARAMETER
SYMBOLS
JEDEC
STANDARD
DESCRIPTION
TEST SETUP
-55
-90
UNIT
tAVAV
tRC
Read Cycle Time
Min
55
90
ns
tAVQV
tACC
Address to Output Delay
/CE = VIL
/OE = VIL
Max
55
90
ns
tELQV
tCE
Chip Enable to Output Delay
/OE = VIL
Max
55
90
ns
tGLQV
tOE
Chip Enable to Output Delay
Max
30
35
ns
tEHQZ
tDF
Chip Enable to Output High-Z
Max
18
20
ns
tGHQZ
tDF
Output Enable to Output High-Z
Max
18
20
ns
tAXQX
tQH
Output Hold Time From Addresses,
/CE or /OE, Whichever Occurs First
Min
0
0
ns
Notes : Test Conditions : Output Load : 1TTL gate and Output Load Capacitance 100 pF, in case of 55ns-30pF
Input rise and fall times : 5 ns , In case of 55ns-5ns
Input pulse levels : 0 .45V to 2.4V, In case of 55ns- 0.0V-3.0V
Timing measurement reference level


Similar Part No. - HMF1M32M8P-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G-120 HANBIT-HMF1M32M8G-120 Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G-55 HANBIT-HMF1M32M8G-55 Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G-70 HANBIT-HMF1M32M8G-70 Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G-90 HANBIT-HMF1M32M8G-90 Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
More results

Similar Description - HMF1M32M8P-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4GL HANBIT-HMF2M32M4GL Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HMF3M32M6V HANBIT-HMF3M32M6V Datasheet
422Kb / 12P
   FLASH-ROM MODULE 12MByte (3M x 32-Bit) ,72pin-SIMM, 3.3V
HMF6M32M6V HANBIT-HMF6M32M6V Datasheet
510Kb / 11P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
HMF6M32M6VA HANBIT-HMF6M32M6VA Datasheet
424Kb / 13P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com