Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF1M32M8G-55 Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HMF1M32M8G-55
Description  FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF1M32M8G-55 Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HMF1M32M8G-55 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF1M32M8G-55 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF1M32M8G-55 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF1M32M8G-55 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF1M32M8G-55 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF1M32M8G-55 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF1M32M8G-55 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF1M32M8G-55 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF1M32M8G-55 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HANBit
HMF1M32M8G
URL : www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
1
GENERAL DESCRIPTION
The HMF1M32M8G is a high-speed flash read only memory (FROM) module containing 1,048,576 words organized in a
x32bit configuration. The module consists of eight 512K x 8 FROM mounted on a 72 -pin, single-sided, FR4-printed circuit
board. Commands are written to the command register using standard microprocessor write timings.
Register contents serve as input to an internal state -machine, which controls the erase and programming circuitry. Write
cycles also internally latch addresses and data needed for the programming and erase operations. Reading data out of the
device is similar to reading from 12.0V flash or EPROM devices.
Eight chip enable inputs, (/CE_UU1, /CE_UM1, /CE_LM1, /CE_LL1, /CE_UU2, /CE_UM2, /CE_LM2, /CE_LL2) are used to
enable the module
’s 4 bytes independently. Output enable (/OE) and write enable (/WE) can set the memory input and
output..When FROM module is disable condition the module is becoming power standby mode, system designer can get low -
power design. All module components may be powered from a single +5V DC power supply and all inputs and outputs are
TTL-compatible.
FEATURES
w Access time: 55, 70, 90 and 120ns
w High-density 4MByte design
w High-reliability, low-power design
w Single + 5V
± 0.5V power supply
w Easy memory expansion
w All inputs and outputs are TTL-compatible
w FR4-PCB design
w Low profile 72-pin SIMM
w Minimum 1,000,000 write/erase cycle
w Sector erases architecture
w Sector group protection
w Temporary sector group unprotection
OPTIONS
MARKING
w Timing
55ns access
-55
70ns access
-70
90ns access
-90
120ns access
-120
w Packages
72-pin SIMM
M
PIN
SYMBOL
PIN
SYMBOL
PIN
SYMBOL
1
Vss
25
Vcc
49
DQ17
2
A3
26
DQ8
50
DQ18
3
A2
27
DQ9
51
DQ22
4
A1
28
DQ10
52
DQ21
5
A0
29
/CE
_LM2
53
DQ20
6
Vcc
30
Vcc
54
DQ19
7
A11
31
/CE
_LM1
55
Vcc
8
/OE
32
DQ15
56
A15
9
A10
33
DQ14
57
A12
10
Vcc
34
DQ13
58
A7
11
/CE
_LL2
35
DQ12
59
Vcc
12
/CE
_LL1
36
DQ11
60
A8
13
DQ7
37
A18
61
A9
14
DQ0
38
A16
62
DQ24
15
DQ1
39
Vss
63
DQ25
16
DQ2
40
A6
64
DQ26
17
DQ6
41
Vcc
65
/CE
_UU2
18
DQ5
42
A5
66
/CE
_UU1
19
DQ4
43
A4
67
DQ31
20
DQ3
44
Vcc
68
DQ30
21
/WE
45
/CE
_UM2
69
DQ29
22
A17
46
/CE
_UM1
70
DQ28
23
A14
47
DQ23
71
DQ27
24
A13
48
DQ16
72
Vss
PIN ASSIGNMENT
FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
Part No. HMF1M32M8G
72-PIN SIMM
TOP VIEW


Similar Part No. - HMF1M32M8G-55

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M32M8P HANBIT-HMF1M32M8P Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P-120 HANBIT-HMF1M32M8P-120 Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P-55 HANBIT-HMF1M32M8P-55 Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P-70 HANBIT-HMF1M32M8P-70 Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P-90 HANBIT-HMF1M32M8P-90 Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
More results

Similar Description - HMF1M32M8G-55

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P HANBIT-HMF1M32M8P Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4GL HANBIT-HMF2M32M4GL Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HMF3M32M6V HANBIT-HMF3M32M6V Datasheet
422Kb / 12P
   FLASH-ROM MODULE 12MByte (3M x 32-Bit) ,72pin-SIMM, 3.3V
HMF6M32M6V HANBIT-HMF6M32M6V Datasheet
510Kb / 11P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
HMF6M32M6VA HANBIT-HMF6M32M6VA Datasheet
424Kb / 13P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com