Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMD2564Z1-5 Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # HMD2564Z1-5
Description  1Mbit(256x4bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD2564Z1-5 Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  HMD2564Z1-5 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD2564Z1-5 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD2564Z1-5 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD2564Z1-5 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD2564Z1-5 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD2564Z1-5 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HANBit
HMD2564Z1
HANBit Electronics Co.,Ltd.
2
ABSOLUTE MAXIMUM RATINGS*
SYMBOL
PARAMETER
RATING
UNIT
TA
Ambient Temperature under Bias
0 ~ 70
C
TSTG
Storage Temperature (Plastic)
-55 ~ 150
C
VIN/VOUT
Voltage on any Pin Relative to Vss
-1.0 ~ 7.0
V
VCC
Power Supply Voltage
-1.0 ~ 7.0
V
IOUT
Short Circuit Output Current
50
mA
PD
Power Dissipation
600
mW
*NOTE: 1. Stress greater than above absolute Maximum Ratings?
May cause permanent damage to the device.
RECOMMENDED DC OPERATING CONDITIONS (T
A = 0 ~ 70C)
PARAMETER
SYMBOL
MIN
TYP.
MAX
UNIT
Supply Voltage
Vcc
4.5
5.0
5.5
V
Ground
Vss
0
0
0
V
Input High Voltage
VIH
2.4
-
Vcc+1
V
Input Low Voltage
VIL
-1.0
-
0.8
V
*NOTE: All voltages referenced to Vcc
DC AND OPERATING CHARACTERISTICS
SYMBOL
PARAMETER
MIN
MAX
UNIT
VOH
Output High Level Voltage (IOUT = -5mA)
2.4
V
VOL
Output Low Level Voltage (IOUT = 4.2mA)
0
0.4
V
-5
85
ICC1
Operating Current
(/RAS,/CAS,Address Cycling : tRC = tRC min)
-6
75
mA
ICC2
Standby Current (/RAS,/CAS = VIH)
-
2
mA
-5
85
ICC3
/RAS Only Refresh Current
(/RAS Cycling, /CAS = VIH,: tRC = tRC min)
-6
75
mA
-5
65
ICC4
Fast Page Mode Current
(/RAS =VIL, /CAS, Address Cycling : tPC = tPC min)
-6
55
mA
mA
ICC5
Standby Current (/RAS,/CAS >= Vcc
– 0.2V)
1
mA
-5
85
ICC6
/CAS before /RAS Refresh Current (tRC = tRC min)
-6
75
mA
ICCS
Self Refresh Current
(/RAS=/UCAS=/LCAS=VIL, /WE=/OE=A0~A9= Vcc – 0.2V or 0.2V,
DQ0~DQ31= Vcc
– 0.2V, 0.2V or Open)
-
-
uA
II(L)
Input Leakage Current
(Any Input (0V<=VIN<= VIN + 0.5V, All Other Pins Not Under Test = 0V)
-5
5
uA
IO(L)
Output Leakage Current(DOUT is Disabled, 0V<=VOUT<= Vcc)
-5
5
uA


Similar Part No. - HMD2564Z1-5

ManufacturerPart #DatasheetDescription
logo
ZHEJIANG HUAJING RECTIF...
HMD250A HUAJING-HMD250A Datasheet
309Kb / 4P
   PV diode module
HMD25A HUAJING-HMD25A Datasheet
257Kb / 3P
   PV diode module
More results

Similar Description - HMD2564Z1-5

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD1M1Z1 HANBIT-HMD1M1Z1 Datasheet
210Kb / 6P
   1Mbit(1Mx1bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD1M4Z1 HANBIT-HMD1M4Z1 Datasheet
210Kb / 6P
   4Mbit(1Mx4bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD4M1Z1 HANBIT-HMD4M1Z1 Datasheet
209Kb / 6P
   4Mbit(4Mx1bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD1M32M2G HANBIT-HMD1M32M2G Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD2M32M4EAG HANBIT-HMD2M32M4EAG Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD2M32M4E HANBIT-HMD2M32M4E Datasheet
134Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD1M32M2EG HANBIT-HMD1M32M2EG Datasheet
66Kb / 7P
   4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD4M32M2G HANBIT-HMD4M32M2G Datasheet
53Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM Fast Page Mode, 4K Refresh, 5V
HMD32M32M16G HANBIT-HMD32M32M16G Datasheet
93Kb / 7P
   128Mbyte (32Mx32) 72-pin Fast Page Mode 4K Ref. SIMM Design 5V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com