Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMD16M32M8G-6 Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HMD16M32M8G-6
Description  64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD16M32M8G-6 Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HMD16M32M8G-6 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD16M32M8G-6 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD16M32M8G-6 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD16M32M8G-6 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD16M32M8G-6 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD16M32M8G-6 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD16M32M8G-6 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMD16M32M8G-6 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMD16M32M8G-6 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HANBit
HMD16M32M8G
URL: www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV. 1.0 (August. 2002)
1
GENERAL DESCRIPTION
The HMD16M32M8G is a 16Mbit x 32 dynamic RAM high-density memory module. The module consists of eight CMOS
16M x 4bit DRAMs in 32-pin TSOPII packages mounted on a 72-pin, double-sided, FR-4-printed circuit board.
A 0.1uF
decoupling capacitor is mounted on the printed circuit board for each DRAM components. The module is a Single In-line
Memory Module with edge connections and is intended for mounting in to 72-pin edge connector sockets. All module
components may be powered from a single 5V DC power supply and all inputs and outputs are TTL-compatible.
PIN ASSIGNMENT
FEATURES
wHMD16M32M8G:
4K Cycles/64ms Refresh Gold
w Access times : 50, 60ns
w High-density 64MByte design
w Single + 5V
±0.5V power supply
w JEDEC standard pinout
w FP(Fast Page) mode operation
w TTL compatible inputs and outputs
w FR4-PCB design
OPTIONS
MARKING
w Timing
50ns access
-5
60ns access
-6
w Packages
72-pin SIMM
M
PERFORMANCE RANGE
SPEED
tRAC
tCAC
tRC
-5
50ns
13ns
90ns
-6
60ns
15ns
110ns
wPART IDENTIFICATION
PRESENCE
DETECT PINS
50ns
60ns
PD1
Vss
Vss
PD2
NC
NC
PD3
Vss
NC
PD4
Vss
NC
PIN
SYMBOL
PIN
SYMBOL
PIN
SYMBOL
PIN
SYMBOL
1
Vss
19
A10
37
NC
55
DQ11
2
DQ0
20
DQ4
38
NC
56
DQ27
3
DQ16
21
DQ20
39
Vss
57
DQ12
4
DQ1
22
DQ5
40
/CAS0
58
DQ28
5
DQ17
23
DQ21
41
/CAS2
59
Vcc
6
DQ2
24
DQ6
42
/CAS3
60
DQ29
7
DQ18
25
DQ22
43
/CAS1
61
DQ13
8
DQ3
26
DQ7
44
/RAS0
62
DQ30
9
DQ19
27
DQ23
45
NC
63
DQ14
10
Vcc
28
A7
46
NC
64
DQ31
11
NC
29
A11
47
/W
65
DQ15
12
A0
30
Vcc
48
NC
66
NC
13
A1
31
A8
49
DQ8
67
PD1
14
A2
32
A9
50
DQ24
68
PD2
15
A3
33
NC
51
DQ9
69
PD3
16
A4
34
/RAS2
52
DQ25
70
PD4
17
A5
35
NC
53
DQ10
71
NC
18
A6
36
NC
54
DQ26
72
Vss
64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
Part No.
HMD16M32M8G


Similar Part No. - HMD16M32M8G-6

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD16M32M8GH HANBIT-HMD16M32M8GH Datasheet
68Kb / 7P
   64Mbyte (16Mx36) FP Mode 4K Ref. 72pin-SIMM Design
HMD16M32M8GH-5 HANBIT-HMD16M32M8GH-5 Datasheet
68Kb / 7P
   64Mbyte (16Mx36) FP Mode 4K Ref. 72pin-SIMM Design
HMD16M32M8GH-6 HANBIT-HMD16M32M8GH-6 Datasheet
68Kb / 7P
   64Mbyte (16Mx36) FP Mode 4K Ref. 72pin-SIMM Design
More results

Similar Description - HMD16M32M8G-6

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD16M32M8EH HANBIT-HMD16M32M8EH Datasheet
88Kb / 9P
   64Mbyte (16Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD16M32M8GH HANBIT-HMD16M32M8GH Datasheet
68Kb / 7P
   64Mbyte (16Mx36) FP Mode 4K Ref. 72pin-SIMM Design
HMD8M32M4G HANBIT-HMD8M32M4G Datasheet
64Kb / 7P
   32Mbyte(8Mx32) 72-pin SIMM, FP Mode, 4K Ref. 5V
HMD16M36M12G HANBIT-HMD16M36M12G Datasheet
70Kb / 7P
   64Mbyte (16Mx36) FP/with Parity Mode 4K Ref. 72pin-SIMM Design
HMD32M32M16EG HANBIT-HMD32M32M16EG Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD8M32M4EG HANBIT-HMD8M32M4EG Datasheet
61Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD8M36M6G HANBIT-HMD8M36M6G Datasheet
55Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM FP with Parity Mode, 4K Ref. 5V
HMD4M32M8EG HANBIT-HMD4M32M8EG Datasheet
53Kb / 6P
   16Mbyte(4Mx32) 72-pin EDO MODE, 2K/4K Ref. SIMM Design 5V
HMD32M32M16G HANBIT-HMD32M32M16G Datasheet
93Kb / 7P
   128Mbyte (32Mx32) 72-pin Fast Page Mode 4K Ref. SIMM Design 5V
HMD8M36M18G HANBIT-HMD8M36M18G Datasheet
88Kb / 7P
   32Mbyte(8Mx36) 72-pin FP with Parity MODE 2K Ref. SIMM Design 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com