Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMD8M36M18G-5 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMD8M36M18G-5
Description  32Mbyte(8Mx36) 72-pin FP with Parity MODE 2K Ref. SIMM Design 5V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD8M36M18G-5 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMD8M36M18G-5 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD8M36M18G-5 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD8M36M18G-5 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD8M36M18G-5 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD8M36M18G-5 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD8M36M18G-5 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD8M36M18G-5 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HANBit
HMD8M36M18G
URL:www.hbeoc.kr
- 5 -
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
Column address set-up time
tASC
0
0
ns
Column address hold time
tCAH
10
10
ns
Column Address to /RAS lead time
tRAL
25
30
ns
Read command set-up time
tRCS
0
0
ns
Read command hold referenced to /CAS
tRCH
0
0
ns
Read command hold referenced to /RAS
tRRH
0
0
ns
Write command hold time
tWCH
10
10
ns
Write command hold referenced to /RAS
tWCR
50
55
ns
Write command pulse width
tWP
10
10
ns
Write command to /RAS lead time
tRWL
13
15
ns
Write command to /CAS lead time
tCWL
13
15
ns
Data-in set-up time
tDS
0
0
ns
Data-in hold time
tDH
10
15
ns
Refresh period
tREF
64
64
ns
Write command set-up time
tWCS
0
0
ns
/CAS setup time (C-B-R refresh)
tCSR
5
5
ns
/CAS hold time (C-B-R refresh)
tCHR
10
10
ns
/RAS precharge to /CAS hold time
tRPC
5
5
ns
Access time from /CAS precharge
tCPA
30
35
ns
/CAS precharge time (Fast page)
tCP
10
10
ns
/RAS pulse width (Fast page )
tRASP
50
200K
60
200K
ns
/W to /RAS precharge time (C-B-R refresh)
tWRP
10
10
ns
/W to /RAS hold time (C-B-R refresh)
tWRH
10
10
ns
NOTES
1.An initial pause of 200
µs is required after power-up followed by any 8 /RAS-only or /CAS-before-/RAS refresh cycles
before proper device operation is achieved.
2.VIH (min) and VIL (max) are reference levels for measuring timing of input signals. Transition times are measured between
VIH(min) and VIL(max) and are assumed to be 5ns for all inputs.
3.Measured with a load equivalent to 1TTL loads and 100pF
4.Operation within the tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point only. If tRCD
is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC.
5.Assumes that tRCD ≥ tRCD(max)
6. tAR, tWCR, tDHR are referenced to tRAD(max)
7.This parameter defines the time at which the output achieves the open circuit condition and is not referenced to VOH
or VOL.
8. tWCS, tRWD, tCWD and tAWD are non restrictive operating parameter.
They are included in the data sheet as electrical characteristic only. If tWCS tWCS(min) the cycle is an early write
cycle and the data out pin will remain high impedance for the duration of the cycle.
9. Either tRCH or tRRH must be satisfied for a read cycle.
10. These parameters are referenced to the /CAS leading edge in early write cycles and to the /W leading edge in read-
write cycles.
11. Operation within the tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as a reference
point only. If tRAD is greater than the specified tRAD(max) limit. then access time is controlled by tAA.


Similar Part No. - HMD8M36M18G-5

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD8M36M24EG HANBIT-HMD8M36M24EG Datasheet
158Kb / 7P
   32Mbyte(8Mx36) 72-pin EDO with Parity MODE 2K Ref. SIMM Design 5V
HMD8M36M24EG-5 HANBIT-HMD8M36M24EG-5 Datasheet
158Kb / 7P
   32Mbyte(8Mx36) 72-pin EDO with Parity MODE 2K Ref. SIMM Design 5V
HMD8M36M24EG-6 HANBIT-HMD8M36M24EG-6 Datasheet
158Kb / 7P
   32Mbyte(8Mx36) 72-pin EDO with Parity MODE 2K Ref. SIMM Design 5V
HMD8M36M6 HANBIT-HMD8M36M6 Datasheet
55Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM FP with Parity Mode, 4K Ref. 5V
HMD8M36M6E HANBIT-HMD8M36M6E Datasheet
54Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM EDO with Parity Mode, 4K Ref. 5V
More results

Similar Description - HMD8M36M18G-5

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD8M36M24EG HANBIT-HMD8M36M24EG Datasheet
158Kb / 7P
   32Mbyte(8Mx36) 72-pin EDO with Parity MODE 2K Ref. SIMM Design 5V
HMD8M36M6G HANBIT-HMD8M36M6G Datasheet
55Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM FP with Parity Mode, 4K Ref. 5V
HMD8M36M6EG HANBIT-HMD8M36M6EG Datasheet
54Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM EDO with Parity Mode, 4K Ref. 5V
HMD8M32M16EG HANBIT-HMD8M32M16EG Datasheet
66Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16EBG HANBIT-HMD8M32M16EBG Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16 HANBIT-HMD8M32M16 Datasheet
78Kb / 8P
   32Mbyte(8Mx32) 72-pin F/P Mode 2K Ref. SIMM Design 5V
HMD8M32M4G HANBIT-HMD8M32M4G Datasheet
64Kb / 7P
   32Mbyte(8Mx32) 72-pin SIMM, FP Mode, 4K Ref. 5V
HMD8M32M4EG HANBIT-HMD8M32M4EG Datasheet
61Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD16M32M8G HANBIT-HMD16M32M8G Datasheet
113Kb / 10P
   64Mbyte(16Mx32) 72-pin FP Mode 4K Ref. SIMM Design 5V
HMD4M36M9EG HANBIT-HMD4M36M9EG Datasheet
56Kb / 7P
   16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com