Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMD8M32M16 Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HMD8M32M16
Description  32Mbyte(8Mx32) 72-pin F/P Mode 2K Ref. SIMM Design 5V
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD8M32M16 Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HMD8M32M16 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD8M32M16 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD8M32M16 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD8M32M16 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD8M32M16 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD8M32M16 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD8M32M16 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMD8M32M16 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HANBit
HMD8M32M16
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
1
SIMM TOP VIEW
PIN ASSIGNMENT
Note: A11 is not used for HMD8M32M16
GENERAL DESCRIPTION
The HMD8M32M16 is a 8M x 32 bit dynamic RAM high density memory module. The module consists of sixteen CMOS
4M x 4bit DRAMs in 24-pin SOJ packages mounted on a 72-pin, double-sided, FR-4-printed circuit board.
A 0.1 or
0.22uF decoupling capacitor is mounted on the printed circuit board for each DRAM components. The module is a single
In-line Memory Module with edge connections and is intended for mounting in to 72-pin edge connector sockets. All
module components may be powered from a single 5V DC power supply and all inputs and outputs are TTL-compatible.
FEATURES
w Part Identification
HMD8M32M16--2048 Cycles/32ms Ref, Solder
HMD8M32M16G--2048 Cycles/32ms Ref, Gold
w Access times : 50, 60ns
w High-density 32MByte design
w Single + 5V
±0.5V power supply
w JEDEC standard pinout
w FP(Fast Page) mode operation
w TTL compatible inputs and outputs
w FR4-PCB design
OPTIONS
MARKING
w Timing
50ns access
-5
60ns access
-6
w Packages
72-pin SIMM
M
PERFORMANCE RANGE
SPEED
tRAC
tCAC
tRC
tPC
-5
50ns
13ns
90ns
35ns
-6
60ns
15ns
110ns
40ns
PIN NAMES
Pin Name
Function
Pin Name
Function
Pin Name
Function
A0-A10
Address Input(2K Ref)
/RAS0, /RAS1
Row Address Strobe
Vss
Ground
A0-A11
Address Input(4K Ref)
/CAS0 - /CAS3
Column Address Strobe
NC
No Connection
DQ0-DQ31
Data In/Out
PD1 - PD4
Presence Detect
Vcc
Power(+5V)
/W
Read/Write Input
PIN
SYMBOL
PIN
SYMBOL
PIN
SYMBOL
PIN
SYMBOL
1
Vss
19
A10
37
NC
55
DQ11
2
DQ0
20
DQ4
38
NC
56
DQ27
3
DQ16
21
DQ20
39
Vss
57
DQ12
4
DQ1
22
DQ5
40
/CAS0
58
DQ28
5
DQ17
23
DQ21
41
/CAS2
59
Vcc
6
DQ2
24
DQ6
42
/CAS3
60
DQ29
7
DQ18
25
DQ22
43
/CAS1
61
DQ13
8
DQ3
26
DQ7
44
/RAS0
62
DQ30
9
DQ19
27
DQ23
45
/RAS1
63
DQ14
10
Vcc
28
A7
46
NC
64
DQ31
11
NC
29
NC(A11)
47
/W
65
DQ15
12
A0
30
Vcc
48
NC
66
NC
13
A1
31
A8
49
DQ8
67
PD1
14
A2
32
A9
50
DQ24
68
PD2
15
A3
33
/RAS1
51
DQ9
69
PD3
16
A4
34
/RAS0
52
DQ25
70
PD4
17
A5
35
NC
53
DQ10
71
NC
18
A6
36
NC
54
DQ26
72
Vss
32Mbyte(8Mx32) 72-pin F/P Mode 2K Ref. SIMM Design 5V
Part No.
HMD8M32M16, HMD8M32M16G


Similar Part No. - HMD8M32M16

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD8M32M16EBG HANBIT-HMD8M32M16EBG Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16EBG-5 HANBIT-HMD8M32M16EBG-5 Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16EBG-6 HANBIT-HMD8M32M16EBG-6 Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16EG HANBIT-HMD8M32M16EG Datasheet
66Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16EG-5 HANBIT-HMD8M32M16EG-5 Datasheet
66Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
More results

Similar Description - HMD8M32M16

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD8M32M16EG HANBIT-HMD8M32M16EG Datasheet
66Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16EBG HANBIT-HMD8M32M16EBG Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M4EG HANBIT-HMD8M32M4EG Datasheet
61Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD8M32M4G HANBIT-HMD8M32M4G Datasheet
64Kb / 7P
   32Mbyte(8Mx32) 72-pin SIMM, FP Mode, 4K Ref. 5V
HMD8M36M18G HANBIT-HMD8M36M18G Datasheet
88Kb / 7P
   32Mbyte(8Mx36) 72-pin FP with Parity MODE 2K Ref. SIMM Design 5V
HMD8M36M24EG HANBIT-HMD8M36M24EG Datasheet
158Kb / 7P
   32Mbyte(8Mx36) 72-pin EDO with Parity MODE 2K Ref. SIMM Design 5V
HMD4M32M8EG HANBIT-HMD4M32M8EG Datasheet
53Kb / 6P
   16Mbyte(4Mx32) 72-pin EDO MODE, 2K/4K Ref. SIMM Design 5V
HMD8M32F4E HANBIT-HMD8M32F4E Datasheet
64Kb / 6P
   32Mbyte(8Mx32) EDO Mode 4K Ref. 100Pin SMM, 5V Design
HMD8M36M6EG HANBIT-HMD8M36M6EG Datasheet
54Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM EDO with Parity Mode, 4K Ref. 5V
HMD8M36M6G HANBIT-HMD8M36M6G Datasheet
55Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM FP with Parity Mode, 4K Ref. 5V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com