Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMD8M32F4E-6 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMD8M32F4E-6
Description  32Mbyte(8Mx32) EDO Mode 4K Ref. 100Pin SMM, 5V Design
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD8M32F4E-6 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMD8M32F4E-6 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD8M32F4E-6 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD8M32F4E-6 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD8M32F4E-6 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD8M32F4E-6 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD8M32F4E-6 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HANBit
HMD8M32F4E
HANBit Electronics Co.,Ltd.
Column address hold time
tCAH
8
10
ns
Column Address to /RAS lead time
tRAL
25
30
ns
Read command set-up time
tRCS
0
0
ns
Read command hold referenced to /CAS
tRCH
0
0
ns
Read command hold referenced to /RAS
tRRH
0
0
ns
Write command hold time
tWCH
10
10
ns
Write command hold referenced to /RAS
tWCR
50
55
ns
Write command pulse width
tWP
10
10
ns
Write command to /RAS lead time
tRWL
13
10
ns
Write command to /CAS lead time
tCWL
8
10
ns
Data-in set-up time
tDS
0
0
ns
Data-in hold time
tDH
8
10
ns
Refresh period
tREF
64
64
ns
Write command set-up time
tWCS
0
0
ns
/CAS setup time (C-B-R refresh)
tCSR
5
5
ns
/CAS hold time (C-B-R refresh)
tCHR
10
10
ns
/RAS precharge to /CAS hold time
tRPC
5
5
ns
Access time from /CAS precharge
tCPA
30
35
ns
/CAS precharge time (Fast page)
tCP
8
10
ns
/RAS pulse width (Fast page )
tRASP
50
200K
60
200K
ns
/W to /RAS precharge time (C-B-R refresh)
tWRP
10
10
ns
/W to /RAS hold time (C-B-R refresh)
tWRH
10
10
ns
NOTES
1. An initial pause of 200
µs is required after power-up followed by any 8 /RAS-only or /CAS-before-/RAS refresh
cycles before proper device operation is achieved.
2. VIH (min) and VIL (max) are reference levels for measuring timing of input signals. Transition times are measured
between VIH(min) and VIL(max) and are assumed to be 5ns for all inputs.
3. Measured with a load equivalent to 1TTL loads and 100pF
4. Operation within the tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point
only. If tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC.
5. Assumes that tRCD ≥ tRCD(max)
6. tAR, tWCR, tDHR are referenced to tRAD(max)
7. This parameter defines the time at which the output achieves the open circuit condition and is not referenced to
VOH or VOL.
8. tWCS, tRWD, tCWD and tAWD are non restrictive operating parameter.
They are included in the data sheet as electrical characteristic only. If tWCS tWCS(min) the cycle is an early write
cycle and the data out pin will remain high impedance for the duration of the cycle.
9. Either tRCH or tRRH must be satisfied for a read cycle.
10. These parameters are referenced to the /CAS leading edge in early write cycles and to the /W leading edge in read-
write cycles.
11. Operation within the tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as a reference
point only. If tRAD is greater than the specified tRAD(max) limit. then access time is controlled by tAA.


Similar Part No. - HMD8M32F4E-6

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD8M32M16 HANBIT-HMD8M32M16 Datasheet
78Kb / 8P
   32Mbyte(8Mx32) 72-pin F/P Mode 2K Ref. SIMM Design 5V
HMD8M32M16EBG HANBIT-HMD8M32M16EBG Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16EBG-5 HANBIT-HMD8M32M16EBG-5 Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16EBG-6 HANBIT-HMD8M32M16EBG-6 Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16EG HANBIT-HMD8M32M16EG Datasheet
66Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
More results

Similar Description - HMD8M32F4E-6

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD8M32M4EG HANBIT-HMD8M32M4EG Datasheet
61Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD8M32M16EG HANBIT-HMD8M32M16EG Datasheet
66Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M16EBG HANBIT-HMD8M32M16EBG Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M32M4G HANBIT-HMD8M32M4G Datasheet
64Kb / 7P
   32Mbyte(8Mx32) 72-pin SIMM, FP Mode, 4K Ref. 5V
HMD4M72D18EG HANBIT-HMD4M72D18EG Datasheet
525Kb / 16P
   32Mbyte(4Mx72) EDO Mode 4K Ref. 5V, DIMM 168 pin
HMD4M64D16E HANBIT-HMD4M64D16E Datasheet
525Kb / 16P
   32Mbyte(4Mx64) EDO Mode 4K Ref. 5V, DIMM 168 pin
HMD8M32M16 HANBIT-HMD8M32M16 Datasheet
78Kb / 8P
   32Mbyte(8Mx32) 72-pin F/P Mode 2K Ref. SIMM Design 5V
HMD8M36M6EG HANBIT-HMD8M36M6EG Datasheet
54Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM EDO with Parity Mode, 4K Ref. 5V
HMD32M32M16EG HANBIT-HMD32M32M16EG Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD4M72D18EV HANBIT-HMD4M72D18EV Datasheet
524Kb / 16P
   32Mbyte(4Mx72) EDO Mode 4K Ref. 3.3V, DIMM 168 pin
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com