Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAA110L Datasheet(PDF) 4 Page - Clare, Inc.

Part # LAA110L
Description  Dual Pole OptoMOS Relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA110L Datasheet(HTML) 4 Page - Clare, Inc.

  LAA110L Datasheet HTML 1Page - Clare, Inc. LAA110L Datasheet HTML 2Page - Clare, Inc. LAA110L Datasheet HTML 3Page - Clare, Inc. LAA110L Datasheet HTML 4Page - Clare, Inc. LAA110L Datasheet HTML 5Page - Clare, Inc. LAA110L Datasheet HTML 6Page - Clare, Inc. LAA110L Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.clare.com
4
LAA110L
Rev. 7.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LAA110L
Typical Turn-On vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
LAA110L
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
50
LAA110L
Typical On-Resistance vs. Temperature
(Load Current = 120mADC; IF = 5mADC)
Temperature (
°C)
-40
60.000
50.000
40.000
30.000
20.000
10.000
0
-20
0
20
40
60
80
100
LAA110L
Typical On-Resistance vs. Temperature
(Load current = 50mADC Instantaneous)
(I
F = 5mADC)
Temperature (
°C)
-40
60
50
40
30
20
10
-20
0
20
40
60
80
100
LAA110L
Typical IF for Switch Operation
vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LAA110L
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LAA110L
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
150
100
50
0
-50
-100
-150
-4
-3
-2
-1
0
1
2
3
4
LAA110L
Energy Rating Curve
Time
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
10
µs
1ms
100ms
10s
100
µs
10ms
1s
100s
LAA110L
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA


Similar Part No. - LAA110L

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA110L IXYS-LAA110L Datasheet
133Kb / 7P
   Dual Single-Pole, Current-Limited OptoMOS Relay
LAA110LS IXYS-LAA110LS Datasheet
133Kb / 7P
   Dual Single-Pole, Current-Limited OptoMOS Relay
LAA110LSTR IXYS-LAA110LSTR Datasheet
133Kb / 7P
   Dual Single-Pole, Current-Limited OptoMOS Relay
LAA110L IXYS-LAA110L_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Current-Limited OptoMOS Relay
More results

Similar Description - LAA110L

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
   Dual Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
   Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
   Dual Pole OptoMOS Relays
logo
Clare, Inc.
LAA110 CLARE-LAA110 Datasheet
137Kb / 6P
   Dual Pole OptoMOS Relays
LAA710 CLARE-LAA710 Datasheet
181Kb / 6P
   Dual Pole OptoMOS Relays
PAA132 CLARE-PAA132 Datasheet
281Kb / 6P
   Dual Pole OptoMOS Relays
LAA125 CLARE-LAA125 Datasheet
237Kb / 6P
   DUAL POLE OptoMOS Relays
LCA210 CLARE-LCA210 Datasheet
201Kb / 6P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
   Dual Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com