Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC5601D Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC5601D
Description  Auxiliary Programmable Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5601D Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC5601D Datasheet HTML 2Page - Clare, Inc. CPC5601D Datasheet HTML 3Page - Clare, Inc. CPC5601D Datasheet HTML 4Page - Clare, Inc. CPC5601D Datasheet HTML 5Page - Clare, Inc. CPC5601D Datasheet HTML 6Page - Clare, Inc. CPC5601D Datasheet HTML 7Page - Clare, Inc. CPC5601D Datasheet HTML 8Page - Clare, Inc. CPC5601D Datasheet HTML 9Page - Clare, Inc. CPC5601D Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CPC5601
6
www.clare.com
R3.0
2. Application
In the application circuits shown below, the CPC5601
is used to switch AC termination and gain. Loop-cur-
rent limit switching is optional.
Figure 4. CPC5601 Application Circuit Using the LITELINK II and the Optical Snoop Circuit
¹This design was tested and found to comply with FCC part 68 with this part.
Other compliance requirements may require a different part.
²Higher noise power supplies may require substitution of a 220
µH inductor,
Toko 380HB-2215 or similar. See the power quality section of Clare applica-
tion note AN-146, Guidelines for Effective LITELINK Designs for more informa-
tion. Both application circuits use the same components for setting AC
termination and the telephone line current limit.
3Addition of this capacitor improves trans-hybrid loss.
R77 499K 1%
501K
0.015
301
REFM
C3 0.1
II


Similar Part No. - CPC5601D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5601D IXYS-CPC5601D Datasheet
384Kb / 15P
   Auxiliary Programmable Driver IC
CPC5601DTR IXYS-CPC5601DTR Datasheet
384Kb / 15P
   Auxiliary Programmable Driver IC
More results

Similar Description - CPC5601D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5601 IXYS-CPC5601 Datasheet
384Kb / 15P
   Auxiliary Programmable Driver IC
logo
Supertex, Inc
HV9925 SUTEX-HV9925 Datasheet
1Mb / 10P
   Programmable-Current LED Lamp Driver IC with PWM Dimming
HV9925-08 SUTEX-HV9925-08 Datasheet
1Mb / 10P
   Programmable-Current LED Lamp Driver IC with PWM Dimming
logo
Princeton Technology Co...
PT2241 PTC-PT2241 Datasheet
48Kb / 3P
   Programmable Encoder IC?
PT2240 PTC-PT2240_06 Datasheet
301Kb / 15P
   Programmable Encoder IC
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
   Programmable Encoder IC
PT2241 PTC-PT2241_06 Datasheet
357Kb / 22P
   Programmable Encoder IC
logo
IC-Haus GmbH
IC-MQ ICHAUS-IC-MQ Datasheet
832Kb / 39P
   PROGRAMMABLE 9-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-PI ICHAUS-IC-PI Datasheet
1Mb / 49P
   PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQF ICHAUS-IC-MQF Datasheet
754Kb / 37P
   PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com