Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1135N Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1135N
Description  4-Pin SOP OptoMOS Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1135N Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1135N Datasheet HTML 1Page - Clare, Inc. CPC1135N Datasheet HTML 2Page - Clare, Inc. CPC1135N Datasheet HTML 3Page - Clare, Inc. CPC1135N Datasheet HTML 4Page - Clare, Inc. CPC1135N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1135N
www.clare.com
3
R02
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
CPC1135N
Typical LED Forward Voltage Drop
(Ambient Temperature = 25 C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
o
CPC1135N
Typical On-Resistance Distribution
(Ambient Temperature = 25 C)
(Load Current = 120mA)
35
30
25
20
15
10
5
0
28.5
29.5
30.5
31.5
29
30
31
On-Resistance (
Ω)
o
CPC1135N
Typical Blocking Voltage Distribution
(Ambient Temperature = 25 C)
35
30
25
20
15
10
5
0
365
375
385
395
370
380
390
Blocking Voltage (V)
o
CPC1135N
Typical IF for Switch Operation
(Ambient Temperature = 25 C)
(Load Current = 120mA)
0.50
0.60
0.70
0.45
0.55
0.65
0.75
LED Current (mA)
25
20
15
10
5
0
o
CPC1135N
Typical IF for Switch Dropout
(Ambient Temperature = 25 C)
(Load Current = 120mA)
25
20
15
10
5
0
0.50
0.60
0.70
0.45
0.55
0.65
0.75
LED Current (mA)
o
CPC1135N
Typical Turn-On Time
(Ambient Temperature = 25 C)
(Load Current = 120mA; IF = 5mA)
0.21
0.23
0.25
0.27
0.22
0.24
0.26
Turn-On (ms)
25
20
15
10
5
0
o
CPC1135N
Typical Turn-Off Time
(Ambient Temperature = 25 C)
(Load Current = 120mA; IF = 5mA)
0.50
0.70
0.90
1.10
1.00
0.80
0.60
Turn-Off (ms)
25
20
15
10
5
0
o
CPC1135N
Typical Load Current vs. Temperature
(IF=0, IL=AC Peak)
Temperature ( C)
CPC1135N
Typical Leakage vs. Temperature
(Measured across Pins 3 & 4) IL = max rated
Temperature ( C)
CPC1135N
Typical Blocking Voltage
vs. Temperature
Temperature ( C)
CPC1135N
Typical Turn-On vs. Temperature
(Load Current = 50mA)
Temperature ( C)
5mA
10mA
CPC1135N
Typical Turn-Off vs. Temperature
(Load Current = 50mA)
Temperature ( C)
5mA
10mA


Similar Part No. - CPC1135N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1135N IXYS-CPC1135N Datasheet
171Kb / 6P
   350V Normally-Closed Single-Pole 4-Pin SOP OptoMOS Relay
CPC1135NTR IXYS-CPC1135NTR Datasheet
171Kb / 6P
   350V Normally-Closed Single-Pole 4-Pin SOP OptoMOS Relay
More results

Similar Description - CPC1135N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1150N CLARE-CPC1150N Datasheet
120Kb / 6P
   4 Pin SOP OptoMOS Relays
CPC1017N CLARE-CPC1017N Datasheet
132Kb / 6P
   4 Pin SOP OptoMOS Relays
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
   4-Pin SOP OptoMOS Relay
CPC1230N CLARE-CPC1230N Datasheet
180Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1130N CLARE-CPC1130N Datasheet
491Kb / 5P
   4-Pin SOP OptoMOS Relay
CPC1117N CLARE-CPC1117N Datasheet
124Kb / 3P
   4-Pin SOP OptoMOS Relay
CPC1004N CLARE-CPC1004N Datasheet
509Kb / 5P
   4 Pin SOP OptoMOS Relay
CPC1231N CLARE-CPC1231N Datasheet
491Kb / 5P
   4-Pin SOP OptoMOS Relay
CPC1016N CLARE-CPC1016N Datasheet
195Kb / 6P
   4 Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com