Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1130NTR Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1130NTR
Description  4-Pin SOP OptoMOS Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1130NTR Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1130NTR Datasheet HTML 1Page - Clare, Inc. CPC1130NTR Datasheet HTML 2Page - Clare, Inc. CPC1130NTR Datasheet HTML 3Page - Clare, Inc. CPC1130NTR Datasheet HTML 4Page - Clare, Inc. CPC1130NTR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CPC1130N
4-Pin SOP OptoMOS® Relay
www.clare.com
DS-CPC1130N-R02
1
e3
RoHS
2002/95/EC
Part #
Description
CPC1130N
4-Pin SOP (100/tube)
CPC1130NTR
4-Pin SOP (2000/reel)
CPC1130N
Units
Blocking Voltage
350
V
Load Current
120
mA
Max On-resistance
30
Applications
Features
Description
Ordering Information
Pin Configuration
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket
Size)
Hookswitch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
Small 4-Pin SOP Package
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
1500V
rms Input/Output Isolation
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Tape & Reel Version Available
The CPC1130N is a miniature 1-Form-B solid state
relay which uses optically coupled MOSFET technol-
ogy to provide 1500V
rms of input to output isolation.
The efficient MOSFET switches and photovoltaic die
use Clare’s patented OptoMOS® architecture. The
optically-coupled input is controlled by a highly effi-
cient GaAIAs infrared LED. The CPC1130N offers
board space savings of at least 20% versus competi-
tive 4-Pin SOP solid state relay.
Approvals
UL Recognized Component: File #E76270
Certified to EN60950
Switching Characteristics of
Normally Closed (Form B) Devices
Switching Characteristics of
Normally Closed (Form B) Devices
CONTROL
10ms
10%
90%
90%
+
+
TON
TOFF
+
CPC1130N Pinout


Similar Part No. - CPC1130NTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1130NTR IXYS-CPC1130NTR Datasheet
171Kb / 6P
   350V Normally-Closed Single-Pole 4-Pin SOP OptoMOS Relay
More results

Similar Description - CPC1130NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1117N CLARE-CPC1117N Datasheet
124Kb / 3P
   4-Pin SOP OptoMOS Relay
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
   4-Pin SOP OptoMOS Relay
CPC1230N CLARE-CPC1230N Datasheet
180Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1004N CLARE-CPC1004N Datasheet
509Kb / 5P
   4 Pin SOP OptoMOS Relay
CPC1231N CLARE-CPC1231N Datasheet
491Kb / 5P
   4-Pin SOP OptoMOS Relay
CPC1016N CLARE-CPC1016N Datasheet
195Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1002N CLARE-CPC1002N Datasheet
230Kb / 3P
   4-Pin SOP OptoMOS Relay
CM5 CLARE-CM5 Datasheet
195Kb / 4P
   4 Pin SOP OptoMOS Relay
CPC1008N CLARE-CPC1008N Datasheet
188Kb / 6P
   4 Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com