Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VF28-15F24-S01 Datasheet(PDF) 1 Page - Tyco Electronics

Part # VF28-15F24-S01
Description  Plug-In Relays Mini 280 Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VF28-15F24-S01 Datasheet(HTML) 1 Page - Tyco Electronics

  VF28-15F24-S01 Datasheet HTML 1Page - Tyco Electronics VF28-15F24-S01 Datasheet HTML 2Page - Tyco Electronics VF28-15F24-S01 Datasheet HTML 3Page - Tyco Electronics VF28-15F24-S01 Datasheet HTML 4Page - Tyco Electronics VF28-15F24-S01 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Revision 03-05
Catalog 1308028
Revision 03-06
Please observe the disclaimer.
56
VF28
Powertrain
Systems
Chassis
Systems
Safety
Security
Body
Driver
Information
Convenience
Car Industry
Truck
Industry
Other
Industry
VF28_3d1
Design
Various enclosure options (dust cover,
shrouded/weatherproof cover);
optional mounting bracket
Weight
Approx. 1.2 oz. (34 g) dust cover
model
Nominal voltage
12 V, 24 V
Terminals
2.8 mm dual in-line quick connect
terminals
Accessories
Connectors see page 191
Conditions
All parametric, environmental and
endurance tests are performed
according to EIA Standard RS-407-A
at standard test conditions unless
otherwise noted:
23 °C ambient temperature,
20-50% RH, 29.5 ± 1.0" Hg
(998.9 ±33.9 hPa).
Please also refer to the Application
Recommendations in this catalog
for general precautions.
Description
Features
- 30 A continuous contact
rating at 85 °C
- Various enclosure options
Typical applications
- Fuel pump
- A/C compressor clutch
- Horn
- Lighting systems
Please contact Tyco Electronics
for relay application support.
Plug-In Relays
Mini 280 Relays
Disclaimer
All technical performance data apply to the relay as such, specific conditions of the individual application are not considered. Please always check the suitability of
the relay for your intended purpose. We do not assume any responsibility or liability for not complying herewith. We recommend to complete our questionnaire and
to request our technical service. Any responsibility for the application of the product remains with the customer only. All specifications are subject to change without
notification. All rights of Tyco are reserved.


Similar Part No. - VF28-15F24-S01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VF2-10X ETC-VF2-10X Datasheet
167Kb / 1P
   High voltage diffused silicon power rectifiers
VF2-12X ETC-VF2-12X Datasheet
167Kb / 1P
   High voltage diffused silicon power rectifiers
VF2-15X ETC-VF2-15X Datasheet
167Kb / 1P
   High voltage diffused silicon power rectifiers
VF2-20X ETC-VF2-20X Datasheet
167Kb / 1P
   High voltage diffused silicon power rectifiers
VF2-25 ETC-VF2-25 Datasheet
167Kb / 1P
   High voltage diffused silicon power rectifiers
More results

Similar Description - VF28-15F24-S01

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
TE Connectivity Ltd
F4-A TEC-F4-A Datasheet
298Kb / 3P
   Automotive Relays Plug-in Mini ISO Relays
V23234-B TEC-V23234-B Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
6-1393298-5 MACOM-6-1393298-5 Datasheet
805Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
TE Connectivity Ltd
V23134-F4 TEC-V23134-F4 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
logo
TE Connectivity Ltd
V23134-J0052-D642 TEC-V23134-J0052-D642 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
V23134-F7 TEC-V23134-F7 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com