Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1004NTR Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1004NTR
Description  4 Pin SOP OptoMOS Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1004NTR Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1004NTR Datasheet HTML 1Page - Clare, Inc. CPC1004NTR Datasheet HTML 2Page - Clare, Inc. CPC1004NTR Datasheet HTML 3Page - Clare, Inc. CPC1004NTR Datasheet HTML 4Page - Clare, Inc. CPC1004NTR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1004N
R02.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
CPC1004N
Typical LED Forward Voltage Drop
vs. Temperature
Temperature ( C)
50mA
10mA
5mA
CPC1004N
Typical Turn-On vs. LED Forward Current
(Load Current = 100mA)
LED Forward Current (mA)
CPC1004N
Typical Turn-Off vs. LED Forward Current
(Load Current = 100mA)
LED Forward Current (mA)
CPC1004N
Typical On-Resistance vs. Temperature
(Load Current = max rated @ temperature)
Temperature ( C)
IF = 10mA
IF = 5mA
Load Voltage (V)
CPC1004N
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25 C)
IF = 5mA
CPC1004N
Energy Rating Curve
Time
CPC1004N
Typical IF for Switch Operation
vs. Temperature
(Load Current = 100mA)
Temperature ( C)
CPC1004N
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 100mA)
Temperature ( C)


Similar Part No. - CPC1004NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1004NTR CLARE-CPC1004NTR Datasheet
112Kb / 5P
   4 Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1004NTR IXYS-CPC1004NTR Datasheet
172Kb / 6P
   100V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results

Similar Description - CPC1004NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1130N CLARE-CPC1130N Datasheet
491Kb / 5P
   4-Pin SOP OptoMOS Relay
CPC1117N CLARE-CPC1117N Datasheet
124Kb / 3P
   4-Pin SOP OptoMOS Relay
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
   4-Pin SOP OptoMOS Relay
CPC1230N CLARE-CPC1230N Datasheet
180Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1231N CLARE-CPC1231N Datasheet
491Kb / 5P
   4-Pin SOP OptoMOS Relay
CPC1016N CLARE-CPC1016N Datasheet
195Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1002N CLARE-CPC1002N Datasheet
230Kb / 3P
   4-Pin SOP OptoMOS Relay
CM5 CLARE-CM5 Datasheet
195Kb / 4P
   4 Pin SOP OptoMOS Relay
CPC1008N CLARE-CPC1008N Datasheet
188Kb / 6P
   4 Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com