Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATV5000-35KM-883 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATV5000-35KM-883
Description  High Density UV Erasable Programmable Logic Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV5000-35KM-883 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATV5000-35KM-883 Datasheet HTML 1Page - ATMEL Corporation ATV5000-35KM-883 Datasheet HTML 2Page - ATMEL Corporation ATV5000-35KM-883 Datasheet HTML 3Page - ATMEL Corporation ATV5000-35KM-883 Datasheet HTML 4Page - ATMEL Corporation ATV5000-35KM-883 Datasheet HTML 5Page - ATMEL Corporation ATV5000-35KM-883 Datasheet HTML 6Page - ATMEL Corporation ATV5000-35KM-883 Datasheet HTML 7Page - ATMEL Corporation ATV5000-35KM-883 Datasheet HTML 8Page - ATMEL Corporation ATV5000-35KM-883 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Logic Cell Options
The ATV5000 logic cells contain most of the chip’s logic op-
tions. The standard logic cell contains two flip-flops, three sum
terms and three array inputs. The three sum terms can be com-
bined to provide sum term options of four, five, nine, or 13 prod-
uct terms. A combinatorial signal or the output of Q1 can be sent
to the I/O cell.
The ATV5000 retains the ATV2500’s ability to bury both reg-
isters in the I/O cell and still output a combinatorial signal (see
Figure 8). A new feature, unique to the ATV5000, is the ability
to output Q1 and feedback the combinatorial term directly (see
Figure 7). This high speed logic expansion term increases the
devices flexibility and gate utilization.
Buried Logic Cells
Each quadrant has six buried logic cells (see Figure 4). Each cell
contains one sum term with five product terms, a flip-flop, and
individual preset, clear, and clock terms. A configuration bit se-
lects either the Q output or the D input for feedback into the
regional bus.
CK1
AP1
AR2
CK2
Q1
AP2
AR1
R
R
R
U
U
U
U
R
R
R
U
R
R
R
U
U
U
U
R
Q2
CLOCK
OPTION
D2/T2
TO
I/O
CELL
D1/T1
R
R
R
R
U
U
Q2
Q1
OPTION
CLOCK
B
A
C
Logic Cell with Buried Sum Term and
Register to I/O Cell
Figure 7
0/1
LCKn
SELECT
LOGIC
TO
CELL
FROM
LOGIC
CELL
D
Q
I/O
U
OE
C
I/O Pin Logic
Figure 6
CK1
AR1
AP1
U
R
U
U
R
R
U
R
Q1
D1/T1
OPTION
CLOCK
R
R
SELECT
Buried Logic Cells
Figure 4
SELECT
LOGIC
TO
CELL
CLOCK
PRODUCT
TERM
RCKn
Clock Option
Figure 5
Flip-Flop Clock Options
Each register may be connected to its regional clock to provide
fast clock-to-output timing (see Figure 5). In this "synchronous"
mode, the clock is one of four input pins, a unique clock pin for
each chip quadrant. One product term defines each flip-flop’s
clock in the "asynchronous" mode.
In the "synchronous" mode, the regional clock is ANDed with
the product term. This provides the fast timing of a synchronous
clock with the local control of the product term.
I/O Pin Latches
Each I/O pin of the ATV5000 has an input latch which can be
individually enabled or disabled (see Figure 6). Each chip quad-
rant has a unique latch clock. When the latch is inactive, pin
input flows directly into the array. When activated, the latch is
flow-through when the clock signal is low, and data is captured
on the clock’s rising edge.
Flip-Flop Types
Each flip-flop in the ATV5000 may be configured as either a T-
or D-type flip-flop. A T-type flip-flop can also easily be config-
ured into a JK or SR flip-flop.
1-196
ATV5000/L


Similar Part No. - ATV5000-35KM-883

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ATV50C110-HF COMCHIP-ATV50C110-HF Datasheet
124Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - ATV5000-35KM-883

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com