Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL101A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LL101A
Description  Small Signal Schottky Barrier Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LL101A Datasheet(HTML) 2 Page - Vishay Siliconix

  LL101A Datasheet HTML 1Page - Vishay Siliconix LL101A Datasheet HTML 2Page - Vishay Siliconix LL101A Datasheet HTML 3Page - Vishay Siliconix LL101A Datasheet HTML 4Page - Vishay Siliconix LL101A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85626
Rev. 1.2, 03-Mar-06
LL101A / 101B / 101C
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Junction to ambient air
on PC board
50 mm x 50 mm x 1.6 mm
RthJA
320
K/W
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Reverse Breakdown Voltage
IR = 10 µA
LL101A
V(BR)R
60
V
LL101B
V(BR)R
50
V
LL101C
V(BR)R
40
V
Leakage current
VR = 50 V
LL101A
IR
200
nA
VR = 50V
LL101B
IR
200
nA
VR = 50 V
LL101C
IR
200
nA
Forward voltage drop
IF = 1 mA
LL101A
VF
410
mV
IF = 1mA
LL101B
VF
400
mV
IF = 1 mA
LL101C
VF
390
mV
IF = 15 mA
LL101A
VF
1000
mV
LL101B
VF
950
mV
LL101C
VF
900
mV
Diode capacitance
VR = 0 V, f = 1 MHz
LL101A
CD
2.0
pF
VR = 0 V, f = 1 MHz
LL101B
CD
2.1
pF
LL101C
CD
2.2
pF
Reverse recovery time
IF = IR = 5 mA,
recover to 0.1 IR
trr
1ns
Figure 1. Typ. IF vs. VF for primary conduction through the
Schottky barrier
gll101a_01
Figure 2. Typ. IF of combination Schottky barrrier and PN junction
guard ring
gll101a_02


Similar Part No. - LL101A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL101A SEMTECH-LL101A Datasheet
170Kb / 3P
   Silicon Schottky Barrier Diode for general purpose applications
logo
Shenzhen Luguang Electr...
LL101A LUGUANG-LL101A Datasheet
205Kb / 3P
   Schottky Barrier Rectifiers
logo
General Semiconductor
LL101A GE-LL101A Datasheet
107Kb / 3P
   Schottky Diodes
logo
Gaomi Xinghe Electronic...
LL101A GXELECTRONICS-LL101A Datasheet
313Kb / 2P
   SMALL SINGAL SCHOTTKY DIODES
logo
Diotec Semiconductor
LL101A DIOTEC-LL101A Datasheet
96Kb / 1P
   Surface Mount Si-Schottky Barrier Diodes
More results

Similar Description - LL101A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SD103A TAITRON-SD103A Datasheet
238Kb / 3P
   Small Signal Schottky Barrier Diodes
logo
List of Unclassifed Man...
SBT10K45WS ETC1-SBT10K45WS Datasheet
46Kb / 3P
   Small-Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
   Small Signal Schottky Barrier Diodes
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
   Small Signal Schottky Barrier Diodes
BAT81S GOOD-ARK-BAT81S_15 Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
BAS81 GOOD-ARK-BAS81 Datasheet
114Kb / 2P
   Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
98Kb / 4P
   Small Signal Schottky Barrier Diodes
Rev. 3, 25-Jun-01
logo
List of Unclassifed Man...
SBT103AT ETC1-SBT103AT Datasheet
50Kb / 3P
   Small-Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
BAS81 GOOD-ARK-BAS81_15 Datasheet
114Kb / 2P
   Small Signal Schottky Barrier Diodes
logo
List of Unclassifed Man...
SBT103AD ETC1-SBT103AD Datasheet
42Kb / 3P
   Small-Signal Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com