Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100EL32D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AZ100EL32D
Description  ECL/PECL 첨 2 Divider
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ100EL32D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AZ100EL32D Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ100EL32D Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ100EL32D Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ100EL32D Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ100EL32D Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ100EL32D Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AZ10EL32
AZ100EL32
October 2005 * REV - 3
www.azmicrotek.com
5
PACKAGE DIAGRAM
TSSOP 8
MILLIMETERS
DIM
MIN
MAX
A
1.10
A1
0.05
0.15
A2
0.80
0.95
A3
0.25
bp
0.25
0.45
c
0.15
0.28
D
2.90
3.10
E
2.90
3.10
e
0.65
HE
4.70
5.10
L
0.94
Lp
0.40
0.70
v
0.10
w
0.10
y
0.10
Z
0.35
0.70
θ
0
O
6
O
NOTES:
1.
DIMENSIONS D AND E DO NOT
INCLUDE MOLD PROTRUSION.
2.
MAXIMUM MOLD PROTRUSION
FOR D IS 0.15mm.
3.
MAXIMUM MOLD PROTRUSION
FOR E IS 0.25mm.


Similar Part No. - AZ100EL32D

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100EL32D AZM-AZ100EL32D Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ100EL32D++ AZM-AZ100EL32D+ Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
More results

Similar Description - AZ100EL32D

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32 Datasheet
178Kb / 8P
   ECL/PECL 첨 2 Divider
AZ100LVEL32 AZM-AZ100LVEL32_11 Datasheet
103Kb / 7P
   ECL/PECL 2 Divider
AZ100LVEL32 AZM-AZ100LVEL32_12 Datasheet
548Kb / 9P
   PECL/ECL 2 Divider
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
logo
Arizona Microtek, Inc
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
logo
List of Unclassifed Man...
SP8685A ETC2-SP8685A Datasheet
207Kb / 4P
   500MHz 첨 10/11 ECL Variable Modulus Divider
logo
Micrel Semiconductor
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com