Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATV5000-25JC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATV5000-25JC
Description  High Density UV Erasable Programmable Logic Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV5000-25JC Datasheet(HTML) 2 Page - ATMEL Corporation

  ATV5000-25JC Datasheet HTML 1Page - ATMEL Corporation ATV5000-25JC Datasheet HTML 2Page - ATMEL Corporation ATV5000-25JC Datasheet HTML 3Page - ATMEL Corporation ATV5000-25JC Datasheet HTML 4Page - ATMEL Corporation ATV5000-25JC Datasheet HTML 5Page - ATMEL Corporation ATV5000-25JC Datasheet HTML 6Page - ATMEL Corporation ATV5000-25JC Datasheet HTML 7Page - ATMEL Corporation ATV5000-25JC Datasheet HTML 8Page - ATMEL Corporation ATV5000-25JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UNIVERSAL BUS
REGIONAL
TO ALL
BUS
QUADRANTS
PINS
I/O
REGISTERCLOCKS
REGIONAL INPUTS
REGIONAL INPUTS
UNIVERSAL
PRODUCT
UNIVERSAL INPUTS
TERMS
REGIONAL
PRODUCT
TERMS
INPUT
PINS
REGISTERCLOCKS
TERMS
PRODUCT
REGIONAL
TERMS
PRODUCT
UNIVERSAL
INPUT/OUTPUT
LOGIC CELLS
(13 TOTAL
PERQUADRANT)
BURIED
LOGIC CELLS
(6 TOTAL
PERQUADRANT)
Quadrant Functional Logic
Diagram ATV5000
Figure 1
Functional Logic Diagram Description
There are 52 identical input/ouput logic cells and 24 identical
buried logic cells in the ATV5000. Each I/O cell has two flip-
flops, up to three sum terms, individual clock, reset, and preset
terms per flip-flop, and one output enable term. Independent of
output configuration, all flip-flops are always usable, and have
at least four product term inputs each.
Each I/O pin (52 total) signal or its latched version drives the
logic array. There is one latch clock per quadrant.
The ATV5000 has four identical quadrants (see Figure 2). The
universal bus routes true and false signals from each of the 52
I/O pins to all four quadrants. Regional buses route each quad-
rant’s flip-flop Q and Q locally. The eight input-only pins are
available in all four regional buses.
Each logic cell has a number of "regional" and "universal" prod-
uct terms (see Figure 1). The I/O logic cells contain three sum
terms, two flip-flops, and an I/O buffer.
The buried logic cells each contain one flip-flop. In addition, in
each buried logic cell the sum term can drive the regional bus.
This allows for logic expansion.
Serial register preload and observability simplify testing. All
registers automatically clear at power up.
Temperature Under Bias.................-55
oC to +125oC
Storage Temperature......................-65
oC to +150oC
Voltage on Any Pin with
Respect to Ground..........................-2.0 V to +7.0 V
1
Voltage on Input Pins
with Respect to Ground
During Programming.....................-2.0 V to +14.0 V
1
Programming Voltage with
Respect to Ground........................-2.0 V to +14.0 V
1
Integrated UV Erase Dose .............. 7258 Wsec/cm
2
*NOTICE: Stresses beyond those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions beyond those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect de-
vice reliability.
Note:
1. Minimum voltage is -0.6 V dc which may undershoot to -2.0 V
for pulses of less than 20 ns. Maximum output pin voltage is
VCC+0.75 V dc which may overshoot to +7.0 V for pulses of less
than 20 ns.
Absolute Maximum Ratings*
D.C. and A.C. Operating Range
ATV5000-25
ATV5000/L-30
ATV5000/L-35
Operating Temperature (Case)
Commercial
Industrial
Military
0
oC - 70oC0oC - 70oC-55oC - 125oC
VCC Power Supply
5 V
± 5%
5 V
± 10%
5 V
± 10%
1-194
ATV5000/L


Similar Part No. - ATV5000-25JC

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ATV50C110-HF COMCHIP-ATV50C110-HF Datasheet
124Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - ATV5000-25JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com