Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1PS76SB70 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 1PS76SB70
Description  Schottky barrier diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS76SB70 Datasheet(HTML) 4 Page - NXP Semiconductors

  1PS76SB70 Datasheet HTML 1Page - NXP Semiconductors 1PS76SB70 Datasheet HTML 2Page - NXP Semiconductors 1PS76SB70 Datasheet HTML 3Page - NXP Semiconductors 1PS76SB70 Datasheet HTML 4Page - NXP Semiconductors 1PS76SB70 Datasheet HTML 5Page - NXP Semiconductors 1PS76SB70 Datasheet HTML 6Page - NXP Semiconductors 1PS76SB70 Datasheet HTML 7Page - NXP Semiconductors 1PS76SB70 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1998 Jul 16
4
Philips Semiconductors
Product specification
Schottky barrier diode
1PS76SB70
GRAPHICAL DATA
Fig.2
Forward current as a function of forward
voltage; typical values.
10
0
0.2
0.4
0.6
0.8
1
1
I F
(mA)
V (V)
F
MRA803
(1)
(4)
(2)
(3)
10 2
10 1
10
2
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
Fig.3
Reverse current as a function of reverse
voltage; typical values.
MRA805
1
10
10
0
20406080
V (V)
R
IR
(
µA)
(1)
(3)
(2)
2
10 1
10 2
10 3
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
10
1
110
rdiff
IF (mA)
MRA802
10−1
102
102
103
f = 10 kHz.
Fig.4
Differential forward resistance as a function
of forward current; typical values.
Fig.5
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb =25 °C.
0
0.5
1
1.5
2
0
204060
80
MRA804
Cd
(pF)
V (V)
R


Similar Part No. - 1PS76SB70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS76SB70 PHILIPS-1PS76SB70 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
logo
Guangdong Kexin Industr...
1PS76SB70 KEXIN-1PS76SB70 Datasheet
34Kb / 1P
   Schottky barrier Diodes
logo
NXP Semiconductors
1PS76SB70 NXP-1PS76SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
1PS76SB70 NXP-1PS76SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
1PS76SB70 NEXPERIA-1PS76SB70 Datasheet
197Kb / 8P
   General-purpose Schottky diode
19 January 2023
More results

Similar Description - 1PS76SB70

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com