Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPD04 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD04
Description  General Purpose Rectifier 500 mA Glass Passivated Rectifier Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD04 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD04 Datasheet HTML 1Page - Central Semiconductor Corp CPD04 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel: (631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
PRINCIPAL DEVICE TYPES
1N645 thru 1N649
CBRHD-02 Series
GEOMETRY
PROCESS DETAILS
BACKSIDE CATHODE
R2 (16- September 2003)
Process
GLASS PASSIVATED MESA
Die Size
25 x 25 MILS
Die Thickness
9.5 MILS
Anode Bonding Pad Area
14.5 x 14.5 MILS
Top Side Metalization
Au - 5,000Å
Back Side Metalization
Au - 2,000Å
GROSS DIE PER 4 INCH WAFER
18,080
Central
Semiconductor Corp.
TM
PROCESS
CPD04
General Purpose Rectifier
500 mA Glass Passivated Rectifier Chip


Similar Part No. - CPD04

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD04-CBRHD-06 CENTRAL-CPD04-CBRHD-06 Datasheet
516Kb / 4P
   General Purpose Rectifier Die 0.5 Amp, 600 Volt
CPD04 CENTRAL-CPD04_10 Datasheet
461Kb / 2P
   General Purpose Rectifier 500mA Glass Passivated Rectifier Chip
More results

Similar Description - CPD04

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD04 CENTRAL-CPD04_10 Datasheet
461Kb / 2P
   General Purpose Rectifier 500mA Glass Passivated Rectifier Chip
CPD06 CENTRAL-CPD06 Datasheet
217Kb / 2P
   General Purpose Rectifier 3 Amp Glass Passivated Rectifier Chip
CPD06 CENTRAL-CPD06_10 Datasheet
397Kb / 2P
   General Purpose Rectifier 3 Amp Glass Passivated Rectifier Chip
CPD05 CENTRAL-CPD05_10 Datasheet
461Kb / 2P
   General Purpose Rectifier 1 Amp Glass Passivated Rectifier Chip
CPD05 CENTRAL-CPD05 Datasheet
216Kb / 2P
   General Purpose Rectifier 1 Amp Glass Passivated Rectifier Chip
CPD07 CENTRAL-CPD07 Datasheet
211Kb / 2P
   General Purpose Rectifier 8 Amp Glass Passivated Rectifier Chip
CPR4-020 CENTRAL-CPR4-020_15 Datasheet
77Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
Microdiode Electronics ...
1N4001SG CHENDA-1N4001SG_V01 Datasheet
615Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
1N4001G CHENDA-1N4001G_V02 Datasheet
667Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
Frontier Electronics.
1N4001G FRONTIER-1N4001G Datasheet
121Kb / 2P
   A GENERAL PURPOSE GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com