Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP11172.5-B Datasheet(PDF) 7 Page - Ceramate Technical

Part # CP11172.5-B
Description  Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP11172.5-B Datasheet(HTML) 7 Page - Ceramate Technical

Back Button CP11172.5-B Datasheet HTML 3Page - Ceramate Technical CP11172.5-B Datasheet HTML 4Page - Ceramate Technical CP11172.5-B Datasheet HTML 5Page - Ceramate Technical CP11172.5-B Datasheet HTML 6Page - Ceramate Technical CP11172.5-B Datasheet HTML 7Page - Ceramate Technical CP11172.5-B Datasheet HTML 8Page - Ceramate Technical CP11172.5-B Datasheet HTML 9Page - Ceramate Technical CP11172.5-B Datasheet HTML 10Page - Ceramate Technical CP11172.5-B Datasheet HTML 11Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CP1117
Low Dropout Linear Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 7 of 12
Rev 1.4 Apr.29, 2005
Typical Characteristics
Figure 2. Dropout Voltage vs. Output Current
Figure 3. Load Regulation vs. Temperature
Figure 4. Reference Voltage vs. Temperature
Figure 5. Output Voltage vs. Temperature
0
25
50
75
100
125
3.10
3.15
3.20
3.25
3.30
3.35
3.40
Vout=3.3V
AMBIENT TEMPERATURE (
oC)
0.20.4
0.60.81.0
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
T
A=120
oC
T
A=25
oC
T
A=0
oC
OUTPUT CURRENT(A)
0
20406080
100
120
-0.1
0.0
0.1
0.2
0.3
0.4
AMBIENT TEMPERTURE (
oC)
0
25
50
75
100
125
1.210
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
AMBINENT TEMPERATURE(
oC)


Similar Part No. - CP11172.5-B

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP110 CUI-CP110 Datasheet
1Mb / 7P
   PELTIER MODULE
logo
List of Unclassifed Man...
CP1100 ETC-CP1100 Datasheet
315Kb / 3P
   Transhield CP1000 Series
CP1100A ETC-CP1100A Datasheet
315Kb / 3P
   Transhield CP1000 Series
logo
Jiangsu High diode Semi...
CP1100SC HDSEMI-CP1100SC Datasheet
1Mb / 5P
   SMB Plastic-Encapsulate Diodes
logo
Power-One
CP1101-7R POWER-ONE-CP1101-7R Datasheet
72Kb / 5P
   120...195 Watt DC-DC Converters
More results

Similar Description - CP11172.5-B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com